Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7350 Datasheet(PDF) 7 Page - ADTech

Part # ADT7350
Description  a step-down converter with integrated switching MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7350 Datasheet(HTML) 7 Page - ADTech

  ADT7350 Datasheet HTML 1Page - ADTech ADT7350 Datasheet HTML 2Page - ADTech ADT7350 Datasheet HTML 3Page - ADTech ADT7350 Datasheet HTML 4Page - ADTech ADT7350 Datasheet HTML 5Page - ADTech ADT7350 Datasheet HTML 6Page - ADTech ADT7350 Datasheet HTML 7Page - ADTech ADT7350 Datasheet HTML 8Page - ADTech ADT7350 Datasheet HTML 9Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7350
Sep. 9. 2010 / Rev. 0.0
Architecture and Operation
The ADT7350 is a current mode step-down converter uses a PWM control and integrated Power
Switch. An internal error amplifier establishes an integrated error voltage which is compared
with slope compensated ramp signal in order to make internal Power Switch control signal. The
ADT7350 has not only voltage feedback loop but also current feed-forward loop. The peak
current detector limit the over current in cycle by cycle basis and gives the information of load
current to the PWM controller.
At the starting of a cycle, Power Switch is off , the input and output is isolated. The fixed
frequency generator start to operate. After oscillator working , every cycle of beginning, the
Power Switch is turned on. The current flows into inductor thus input is shorted to output via to
inductor.
The Power Switch is turned off when ;
1) The ramp signal which is the sum of the current sensing amplifier output and artificial
compensated signal to prevent from sub-harmonic oscillation crosses the output of
integrator .
2) The inductor current reaches the maximum allowed level (1.8A)
3) The protection signals are trigged.
When the Power Switch is off , the inductor current can not change abruptly. The external
Schottky diode conducts the inductor current.
Enable(EN)
The ADT7350 features a low-power shut down mode to decrease total current consumption. A
logic Low at EN shuts down the controller and internal Power Switch. The typical value of VIH
is 1.2V , VIL is 0.4.
Soft-Start
The internal soft-start circuitry make a reference voltage of error amplifier gradually ramps up to
reduce input surge current during start-up.
Bootstrap
In order to generate enough large control voltage of Power Switch. The purpose of this block is to
decrease Power Switch turn on resistance.
Protection (OVP/OTP/OCP)
The ADT7350 monitors the output voltage of controller and limit the maximum allowed
feedback voltage in order not to abruptly change output voltage. The output feed-back voltage
over 0.95V, this function is trigged. The ADT7350 monitors the temperature variation using
PTAT(Proportional to Absolute Temperature) current. When the die temperature exceeds typical
+140 °C , the Over temperature function is trigged. The maximum allowed inductor current is
well controlled to prevent from falling into over-load or shorted output conditions. The
maximum allowed load current is typically 1.8A.
DETAILED DESCRIPTION


Similar Part No. - ADT7350

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
   internal soft-start function
ADT7350 ADTECH-ADT7350_12 Datasheet
651Kb / 10P
   Step-down converter with integrated switching MOSFET
More results

Similar Description - ADT7350

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7350 ADTECH-ADT7350_12 Datasheet
651Kb / 10P
   Step-down converter with integrated switching MOSFET
ADT7351 ADTECH-ADT7351 Datasheet
975Kb / 15P
   step-down converter with integrated switching MOSFET
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Rohm
BD9E151ANUX ROHM-BD9E151ANUX Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
logo
Maxim Integrated Produc...
MAX20730 MAXIM-MAX20730 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
2020
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
   Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2017
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com