Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5053PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH5053PBF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5053PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH5053PBF Datasheet HTML 1Page - International Rectifier IRFH5053PBF Datasheet HTML 2Page - International Rectifier IRFH5053PBF Datasheet HTML 3Page - International Rectifier IRFH5053PBF Datasheet HTML 4Page - International Rectifier IRFH5053PBF Datasheet HTML 5Page - International Rectifier IRFH5053PBF Datasheet HTML 6Page - International Rectifier IRFH5053PBF Datasheet HTML 7Page - International Rectifier IRFH5053PBF Datasheet HTML 8Page - International Rectifier IRFH5053PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFH5053PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
ID = 100µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA
Ri (°C/W)
τi (sec)
1.3862
0.000201
3.6808
0.013839
18.148
0.993400
16.804
37.6
τ
J
τJ
τ1
τ
1
τ
2
τ2
τ3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τA
τ
4
τ4
R
4
R
4


Similar Part No. - IRFH5053PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5053PBF IRF-IRFH5053PBF Datasheet
258Kb / 9P
   3 Phase Boost Converter Applications
IRFH5053PBF IRF-IRFH5053PBF Datasheet
258Kb / 9P
   3 Phase Boost Converter Applications
IRFH5053PBF IRF-IRFH5053PBF_15 Datasheet
258Kb / 9P
   3 Phase Boost Converter Applications
More results

Similar Description - IRFH5053PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com