Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E625 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 908E625
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E625 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 908E625 Datasheet HTML 25Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 26Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 27Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 28Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 29Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 30Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 31Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 32Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
908E625
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 15. Hall-Effect Sensor Input Pin Connected to Three-Pin Hall-Effect Sensor
Interrupts
The Hall-effect sensor input pins are interrupt capable.
How and when an interrupt occurs is dependent on the
operating mode, RUN or Stop.
RUN Mode
In RUN mode the Hall-effect sensor input pin interrupt flag
(HPF) will be set if a state change on the hallflags (HxF) is
detected. The interrupt is maskable with the HPIE bit in the
Interrupt Mask Register. Before enabling the interrupt, the
flag should be cleared in order to prevent a wrong interrupt.
STOP Mode
In STOP mode the Hall-effect sensor input pins are
disabled independent of the state of the HxEN flags.
CYCLIC WAKE-UP
The Hall-effect sensor inputs can be used to wake up the
system. This wake-up function is provided by the cyclic check
wake-up feature of the AWD (Autonomous Watchdog).
If the cyclic check wake-up feature is enabled (AWDCC bit
is set), the AWD switches on the enabled Hall-effect sensor
pins periodically. To ensure that the Hall-effect sensor current
is stabilized after switching on, the inputs are sensed after
~40
μs. If a 1 is detected (IHall sensor >IHSCT) and the
interrupt mask bit HPIE is set, an interrupt is performed. This
wakes up the MCU and starts the main voltage regulator.
The wake-up function via this input is available when all
three conditions exist:
• The two-pin Hall-effect sensor input is enabled
(HxEN = 1)
• The cyclic wake-up of the AWD is enabled (AWDCC =
1); see Figure 16
• The Hall-effect sensor input pin interrupt is enabled
(HPIE = 1)
HxEN
HxF
Sense
Circuitry
V
Hx
GND
Three-Terminal Hall-Effect Sensor
Out
Vs
GND


Similar Part No. - 908E625

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results

Similar Description - 908E625

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com