Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E625 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 908E625
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E625 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 908E625 Datasheet HTML 18Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 19Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 20Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 21Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 22Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 23Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 24Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 25Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
908E625
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
INTERRUPT MASK REGISTER (IMR)
Hall-Effect Sensor Input Pin Interrupt Enable Bit (HPIE)
This read/write bit enables CPU interrupts by the Hall-
effect sensor input pin flag, HPF. Reset clears the HPIE bit.
• 1 = Interrupt requests from HPF flag enabled
• 0 = Interrupt requests from HPF flag disabled
LIN Line Interrupt Enable Bit (LINIE)
This read/write bit enables CPU interrupts by the LIN flag,
LINF. Reset clears the LINIE bit.
• 1 = Interrupt requests from LINF flag enabled
• 0 = Interrupt requests from LINF flag disabled
High-Temperature Interrupt Enable Bit (HTIE)
This read/ write bit enables CPU interrupts by the high-
temperature flag, HTF. Reset clears the HTIE bit.
• 1 = Interrupt requests from HTF flag enabled
• 0 = Interrupt requests from HTF flag disabled
Low-Voltage Interrupt Enable Bit (LVIE)
This read/write bit enables CPU interrupts by the low-
voltage flag, LVF. Reset clears the LVIE bit.
• 1 = Interrupt requests from LVF flag enabled
• 0 = Interrupt requests from LVF flag disabled
High-Voltage Interrupt Enable Bit (HVIE)
This read/write bit enables CPU interrupts by the high-
voltage flag, HVF. Reset clears the HVIE bit.
• 1 = Interrupt requests from HVF flag enabled
• 0 = Interrupt requests from HVF flag disabled
Overcurrent Interrupt Enable Bit (OCIE)
This read/write bit enables CPU interrupts by the
overcurrent flag, OCF. Reset clears the OCIE bit.
• 1 = Interrupt requests from OCF flag enabled
• 0 = Interrupt requests from OCF flag disabled
Register Name and Address: IMR - $04
Bits
7
6
5
4
3
2
1
0
Read
0
HPIE LINIE HTIE LVIE HVIE OCIE
0
Write
Reset
0
0
0
0
0
0
0
0


Similar Part No. - 908E625

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results

Similar Description - 908E625

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com