Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E624 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 908E624
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E624 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 908E624_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 15Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 16Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 17Page - Freescale Semiconductor, Inc 908E624_10 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
908E624
ELECTRICAL CHARACTERISTICS
MICROCONTROLLER PARAMETRICS
MICROCONTROLLER PARAMETRICS
CURRENT SENSE OPERATIONAL AMPLIFIER
Supply Voltage Rejection Ratio (27)
SVR
60
dB
Common Mode Rejection Ratio (27)
CMR
70
dB
Gain Bandwidth (27)
GBP
1.0
MHz
Slew Rate
SR
0.5
V/
μs
Phase Margin (for Gain = 1, Load 100 pF/ 5.0 k
Ω (27)
PHMO
40
°
Open Loop Gain
OLG
85
dB
Notes
27.
This parameter is guaranteed by process monitoring but it is not production tested.
Table 4. Dynamic Electrical Characteristics (continued)
All characteristics are for the analog chip only. Please refer to the 68HC908EY16 data sheet for characteristics of the
microcontroller chip. Characteristics noted under conditions 9.0 V VSUP 16 V, -40°C TJ 125°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Table 5. Microcontroller
For a detailed microcontroller description, refer to the MC68HC908EY16 data sheet.
Module
Description
Core
High-Performance HC08 Core with a Maximum Internal Bus Frequency of 8.0 MHz
Timer
Two 16-Bit Timers with 2 Channels (TIM A and TIM B)
Flash
16 K Bytes
RAM
512 Bytes
ADC
10-Bit Analog-to-Digital Converter
SPI
SPI Module
ESCI
Standard Serial Communication Interface (SCI) Module
Bit-Time Measurement
Arbitration
Prescaler with Fine Baud-Rate Adjustment
ICG
Internal Clock Generation Module


Similar Part No. - 908E624_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
More results

Similar Description - 908E624_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com