Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43-00099 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 43-00099
Description  Male connector M12x1, field attachable, axial, screw connection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

43-00099 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  43-00099 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5pos
4pos
dim. in mm
R
drawn
Inventor 10
THIS DRAWING MAY NOT BE COPIED OR
REPRODUCED IN ANY WAY, AND MAY NOT
BE PASSED ON TO A THIRD PARTY WITHOUT
WRITTEN PERMISSION.
OWNERSHIP AND COPYRIGHT OF CONEC GmbH
appd.
tolerance:
title:
dwg no:
part no:
name
date
43K1A836
Male connector M12x1,
field attachable, axial,
screw connection
Burschik
19.01.09
19.01.09
Schmidt
ISO 2768-m
Status: 19.01.09 db
Description:
SAL - 12 - RSC4 - S6/075
Cable-
n:
4 - 6mm
SAL - 12 - RSC4 - S8/075
6 - 8mm
Part no:
43-00099
43-00100
43-00102
43-00101
SAL - 12 - RSC5 - S8/075
SAL - 12 - RSC5 - S6/075
6 - 8mm
4 - 6mm
Pos:
4
4
5
5
Technical specification:
Rated voltage:
IEC 61076-2-101
Current rating:
IEC 61076-2-101
Insulation resistance:
IEC 60512-2
Pollution degree:
IEC 60664-1
Degree of protection:
IEC 60529
Temperature range:
IEC 60664-1
Mating cycles:
IEC 60512-9a
Wire cross section:
4pos
5pos
250 V
60 V
4A at 40°C
>=10 G
Ù
3/2
IP 67, in mated
condition
-30°C ... +85°C
<=100
AWG18 / max. 0,75mm²
Materials:
Contact:
Contact plating:
Contact carrier:
Screw:
Cable sealing:
O-Ring:
Coupling screw:
Housing:
CuZn
Nickel, gold plated
PA6, UL 94
Steel, nickel plated
Elastomere
FPM
Die cast, nickel plated
PA6 GF, UL 94
20
n
n20
Male connector
M12x1 field attachable
max. external cable
diameter see table
5
4
2
1
3
2
3
4
1
12
M x1


Similar Part No. - 43-00099

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00091 CONEC-43-00091 Datasheet
148Kb / 1P
   Female connector M12x1, field attachable, axial, screw connection
43-00092 CONEC-43-00092 Datasheet
148Kb / 1P
   Female connector M12x1, field attachable, axial, screw connection
43-00093 CONEC-43-00093 Datasheet
148Kb / 1P
   Female connector M12x1, field attachable, axial, screw connection
43-00094 CONEC-43-00094 Datasheet
148Kb / 1P
   Female connector M12x1, field attachable, axial, screw connection
43-00095 CONEC-43-00095 Datasheet
150Kb / 1P
   Female connector M12x1, field attachable, angled, screw connection
More results

Similar Description - 43-00099

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00091 CONEC-43-00091 Datasheet
148Kb / 1P
   Female connector M12x1, field attachable, axial, screw connection
43K1A837 CONEC-43K1A837 Datasheet
264Kb / 1P
   Male connector M12x1, field attachable, angled, screw connection
43-00103 CONEC-43-00103 Datasheet
141Kb / 1P
   Male connector M12x1 field attachable, angled, screw connection
43-00095 CONEC-43-00095 Datasheet
150Kb / 1P
   Female connector M12x1, field attachable, angled, screw connection
43-00096 CONEC-43-00096_09 Datasheet
278Kb / 1P
   Female connector M12x1, field attachable, angled, screw connection
43K1A835 CONEC-43K1A835 Datasheet
278Kb / 1P
   Female connector M12x1, field attachable, angled, screw connection
logo
Pepperl+Fuchs Inc.
V1S-GV4A PF-V1S-GV4A Datasheet
145Kb / 1P
   Field-attachable male connector
2015-12-08
V15S-G-PG9 PF-V15S-G-PG9 Datasheet
823Kb / 2P
   Male connector, field-attachable
2023-02-20
V15S-W PF-V15S-W Datasheet
473Kb / 2P
   Male connector, field-attachable
2021-12-08
V15SB-G-ABG-PG9 PF-V15SB-G-ABG-PG9 Datasheet
557Kb / 2P
   Male connector, field-attachable
2023-02-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com