Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM64Z834 Datasheet(PDF) 18 Page - Motorola, Inc

Part No. MCM64Z834
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MCM64Z834 Datasheet HTML 14Page - Motorola, Inc MCM64Z834 Datasheet HTML 15Page - Motorola, Inc MCM64Z834 Datasheet HTML 16Page - Motorola, Inc MCM64Z834 Datasheet HTML 17Page - Motorola, Inc MCM64Z834 Datasheet HTML 18Page - Motorola, Inc MCM64Z834 Datasheet HTML 19Page - Motorola, Inc MCM64Z834 Datasheet HTML 20Page - Motorola, Inc MCM64Z834 Datasheet HTML 21Page - Motorola, Inc MCM64Z834 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCM64Z834
•MCM64Z916
18
MOTOROLA FAST SRAM
PIPELINED READ/WRITE CYCLE TIMING (See Notes 1 and 2)
MCM64Z834–10
MCM64Z916–10
143 MHz
MCM64Z834–11
MCM64Z916–11
133 MHz
MCM64Z834–15
MCM64Z916–15
100 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
7
7.5
10
ns
Clock High Pulse Width
tKHKL
2.8
3
4
ns
3
Clock Low Pulse Width
tKLKH
2.8
3
4
ns
3
Clock Access Time
tKHQV
4
4.2
5
ns
Output Enable to Output Valid
tGLQV
4
4.2
5
ns
Clock High to Output Active
tKHQX1
1.5
1.5
1.5
ns
4, 5
Output Hold Time
tKHQX
1.5
1.5
1.5
ns
4
Output Enable to Output Active
tGLQX
0
0
0
ns
4, 5
Output Disable to Q High–Z
tGHQZ
3.5
3.5
3.5
ns
4, 5
Clock High to Q High–Z
tKHQZ
1.5
3.5
1.5
3.5
1.5
3.5
ns
4, 5
Setup Times:
Address
ADV
Data In
Write
Chip Enable
Clock Enable
tADKH
tLVKH
tDVKH
tWVKH
tEVKH
tCVKH
2
2
1.7
2
2
2
2
2
1.7
2
2
2
2.2
2.2
2
2.2
2.2
2.2
ns
Hold Times:
Address
ADV
Data In
Write
Chip Enable
Clock Enable
tKHAX
tKHLX
tKHDX
tKHWX
tKHEX
tKHCX
0.5
0.5
0.5
ns
NOTES:
1. Write is defined as any SBx and SW low. Chip Enable is defined as SE1 low, SE2 high, and SB3 low whenever ADV is low.
2. All read and write cycle timings are referenced from CK or G.
3. In order to reduce test correlation issues and to reduce the effects of application specific input edge rate variations on correlation between
data sheet parameters and actual system performance, FSRAM AC parametric specifications are always specified at VDDQ/2. In some
design exercises, it is desirable to evaluate timing using other reference levels. Since the maximum test input edge rate is known and is given
in the AC test conditions section of the data sheet as 2.5 V/ns, one can easily interpolate timing values to other reference levels.
4. This parameter is sampled and not 100% tested.
5. Measured at
±200 mV from steady state.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
1.25 V
Figure 9. AC Test Loads
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Integrated Device Technology
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Motorola, Inc
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz