Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM64Z834 Datasheet(PDF) 16 Page - Motorola, Inc

Part # MCM64Z834
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MCM64Z834 Datasheet HTML 12Page - Motorola, Inc MCM64Z834 Datasheet HTML 13Page - Motorola, Inc MCM64Z834 Datasheet HTML 14Page - Motorola, Inc MCM64Z834 Datasheet HTML 15Page - Motorola, Inc MCM64Z834 Datasheet HTML 16Page - Motorola, Inc MCM64Z834 Datasheet HTML 17Page - Motorola, Inc MCM64Z834 Datasheet HTML 18Page - Motorola, Inc MCM64Z834 Datasheet HTML 19Page - Motorola, Inc MCM64Z834 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCM64Z834
•MCM64Z916
16
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 2.5 V ±200 mV, TA = 0° to 70°C Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS AND DC CHARACTERISTICS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
2.3
2.5
2.7
V
I/O Supply Voltage
VDDQ
2.3
2.5
VDD
V
Input Low Voltage
VIL
–0.3
0.7
V
Input High Voltage
VIH
1.7
VDD + 0.3
V
Input High Voltage I/O Pins
VIH2
1.7
VDDQ + 0.3
V
Output Low Voltage (IOL = 2 mA)
VOL
0.7
V
Output High Voltage (IOL = –2 mA)
VOH
1.7
V
VIH
20% tKHKH (MIN)
VSS
VSS – 1.0 V
Figure 8. Undershoot Voltage
DC CHARACTERISTICS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
±1
µA
1
Output Leakage Current (0 V
≤ Vin ≤ VDDQ)
Ilkg(O)
±1
µA
AC Supply Current (Device Selected, All Outputs Open,
Freq = Max) Includes Supply Current for Both VDD and VDDQ
IDDA–10
IDDA–11
IDDA–15
TBD
TBD
TBD
mA
2, 3,
4, 5
CMOS Standby Supply Current (Device Deselected,
Freq = 0, VDD = Max, VDDQ = Max, All Inputs Static
at CMOS Levels)
ISB2
10
mA
6, 7
Clock Running (Device Deselected, Freq = Max, VDD = Max,
All Inputs Toggling at CMOS Levels)
ISB4–10
ISB4–11
ISB4–15
TBD
TBD
TBD
mA
5, 6, 8
Hold Supply Current (Device Selected, Freq = Max,
VDD = Max, VDDQ = Max, CKE ≥ VDD – 0.2 V,
All Inputs Static at CMOS Levels)
IDD1
15
mA
7
NOTES:
1. LBO has an internal pull–up will exhibit leakage currents of
±5 µA.
2. Reference AC Operating Conditions and Characteristics for input and timing.
3. All addresses transition simultaneously low (LSB) then high (MSB).
4. Data states are all zero.
5. Flow–through/pipelined current.
6. Device in deselected mode as defined by the Truth Table.
7. CMOS levels for I/Os are VIT ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
8. TTL levels for I/Os are VIT ≤ VIL or ≥ VIH2. TTL levels for other inputs are Vin ≤ VIL or ≥ VIH.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Integrated Device Technology
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Motorola, Inc
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com