Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM64Z834 Datasheet(PDF) 15 Page - Motorola, Inc

Part No. MCM64Z834
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button MCM64Z834 Datasheet HTML 11Page - Motorola, Inc MCM64Z834 Datasheet HTML 12Page - Motorola, Inc MCM64Z834 Datasheet HTML 13Page - Motorola, Inc MCM64Z834 Datasheet HTML 14Page - Motorola, Inc MCM64Z834 Datasheet HTML 15Page - Motorola, Inc MCM64Z834 Datasheet HTML 16Page - Motorola, Inc MCM64Z834 Datasheet HTML 17Page - Motorola, Inc MCM64Z834 Datasheet HTML 18Page - Motorola, Inc MCM64Z834 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
MCM64Z834
•MCM64Z916
15
MOTOROLA FAST SRAM
ABSOLUTE MAXIMUM RATINGS (See Note 1)
Rating
Symbol
Value
Unit
Notes
Power Supply Voltage
VDD
–0.5 to 3.6
V
I/O Supply Voltage
VDDQ
VSS – 0.5 to VDD
V
2
Input Voltage Relative to VSS for
Any Pin Except VDD
Vin, Vout
–0.5 to VDD + 0.5
V
2
Input Voltage (Three State I/O)
VIT
VSS – 0.5 to
VDDQ + 0.5
V
2
Output Current (per I/O)
Iout
±20
mA
Package Power Dissipation
PD
1.3
W
3
Temperature Under Bias
Tbias
–10 to 85
°C
Storage Temperature
Tstg
–55 to 125
°C
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED
OPERATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
2. This is a steady–state DC parameter that is in effect after the power supply has
achieved its nominal operating level. Power sequencing is not necessary.
3. Power dissipation capability is dependent upon package characteristics and use
environment. See Package Thermal Characteristics.
PACKAGE THERMAL CHARACTERISTICS
Thermal Resistance
Symbol
Max
Unit
Notes
Junction to Ambient (@ 200 lfm)
Single–Layer Board
Four–Layer Board
R
θJA
40
25
°C/W
1, 2
Junction to Board (Bottom)
R
θJB
17
°C/W
3
Junction to Case (Top)
R
θJC
9
°C/W
4
NOTES:
1. Junction temperature is a function of on–chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, board population, and board thermal resistance.
2. Per SEMI G38–87.
3. Indicates the average thermal resistance between the die and the printed circuit board.
4. Indicates the average thermal resistance between the die and the case top surface via the cold plate method (MIL SPEC–883
Method 1012.1).
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Integrated Device Technology
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Motorola, Inc
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz