Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM64Z834 Datasheet(PDF) 29 Page - Motorola, Inc

Part No. MCM64Z834
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834 Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MCM64Z834 Datasheet HTML 25Page - Motorola, Inc MCM64Z834 Datasheet HTML 26Page - Motorola, Inc MCM64Z834 Datasheet HTML 27Page - Motorola, Inc MCM64Z834 Datasheet HTML 28Page - Motorola, Inc MCM64Z834 Datasheet HTML 29Page - Motorola, Inc MCM64Z834 Datasheet HTML 30Page - Motorola, Inc MCM64Z834 Datasheet HTML 31Page - Motorola, Inc MCM64Z834 Datasheet HTML 32Page - Motorola, Inc MCM64Z834 Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
MCM64Z834
•MCM64Z916
29
MOTOROLA FAST SRAM
TEST ACCESS PORT PINS
TCK — TEST CLOCK (INPUT)
Clocks all TAP events. All inputs are captured on the rising
edge of TCK and all outputs propagate from the falling edge
of TCK.
TMS — TEST MODE SELECT (INPUT)
The TMS input is sampled on the rising edge of TCK. This
is the command input for the TAP controller state machine.
An undriven TMS input will not produce the same result as a
logic 1 input level (not IEEE 1149.1 compliant).
TDI — TEST DATA IN (INPUT)
The TDI input is sampled on the rising edge of TCK. This is
the input side of the serial registers placed between TDI and
TDO. The register placed between TDI and TDO is deter-
mined by the state of the TAP controller state machine and
the instruction that is currently loaded in the TAP instruction
register (refer to Figure 13). An undriven TDI pin will not pro-
duce the same result as a logic 1 input level (not IEEE 1149.1
compliant).
TDO — TEST DATA OUT (OUTPUT)
Output that is active depending on the state of the TAP
state machine (refer to Figure 13). Output changes in
response to the falling edge of TCK. This is the output side of
the serial registers placed between TDI and TDO.
TRST — TAP RESET
The TRST is an asynchronous input that resets the TAP
controller and preloads the instruction register with the
IDCODE command. This type of reset does not affect the
operation of the system logic. The reset affects test logic
only.
TEST ACCESS PORT REGISTERS
OVERVIEW
The various TAP registers are selected (one at a time) via
the sequences of 1s and 0s input to the TMS pin as the TCK
is strobed. Each of the TAPs registers are serial shift regis-
ters that capture serial input data on the rising edge of TCK
and push serial data out on the subsequent falling edge of
TCK. When a register is selected, it is “placed” between the
TDI and TDO pins.
INSTRUCTION REGISTER
The instruction register holds the instructions that are
executed by the TAP controller when it is moved into the run
test/idle or the various data register states. The instructions
are 3 bits long. The register can be loaded when it is placed
between the TDI and TDO pins. The parallel outputs of the
instruction register are automatically preloaded with the
IDCODE instruction when TRST is asserted or whenever the
controller is placed in the test–logic–reset state. The two
least significant bits of the serial instruction register are
loaded with a binary “or” pattern in the capture–IR state.
BYPASS REGISTER
The bypass register is a single bit register that can be
placed between TDI and TDO. It allows serial test data to be
passed through the RAMs TAP to another device in the scan
chain with as little delay as possible.
BOUNDARY SCAN REGISTER
The boundary scan register is identical in length to the
number of active input and I/O connections on the RAM (not
counting the TAP pins). This also includes a number of place
holder locations (always set to a logic 0) reserved for density
upgrade address pins. There are a total of 67 bits in the case
of the x36 device and 48 bits in the case of the x18 device.
The boundary scan register, under the control of the TAP
controller, is loaded with the contents of the RAMs I/O ring
when the controller is in capture–DR state and then is placed
between the TDI and TDO pins when the controller is moved
to shift–DR state.
The Bump/Bit Scan Order table describes which device
bump connects to each boundary scan register location. The
first column defines the bit’s position in the boundary scan
register. The shift register bit nearest TDO (i.e., first to be
shifted out) is defined as bit 1. The second column is the
name of the input or I/O at the bump and the third column is
the bump number.
IDENTIFICATION (ID) REGISTER
The ID register is a 32–bit register that is loaded with a de-
vice and vendor specific 32–bit code when the controller is
put in capture–DR state with the IDCODE command loaded
in the instruction register. The code is loaded from a 32–bit
on–chip ROM. It describes various attributes of the RAM as
indicated below. The register is then placed between the TDI
and TDO pins when the controller is moved into shift–DR
state. Bit 0 in the register is the LSB and the first to reach
TDO when shifting begins.
ID Register Presence Indicator
Bit No.
0
Value
1
Motorola JEDEC ID Code (Compressed Format, per
IEEE Standard 1149.1–1990
Bit No.
11
10
9
8
7
6
5
4
3
2
1
Value
0
0
0
0
0
0
0
1
1
1
0
Reserved For Future Use
Bit No.
17
16
15
14
13
12
Value
x
x
x
x
x
x
Device Width
Bit No.
22
21
20
19
18
256K x 36
0
0
1
0
0
512K x 18
0
0
0
1
1
Device Depth
Bit No.
27
26
25
24
23
256K x 36
0
0
1
1
0
512K x 18
0
0
1
1
1
Revision Number
Bit No.
31
30
29
28
Value
0
0
0
0
Figure 12. ID Register Bit Meanings
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Integrated Device Technology
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Motorola, Inc
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz