Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM63Z836 Datasheet(PDF) 31 Page - Motorola, Inc

Part No. MCM63Z836
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z836 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MCM63Z836 Datasheet HTML 27Page - Motorola, Inc MCM63Z836 Datasheet HTML 28Page - Motorola, Inc MCM63Z836 Datasheet HTML 29Page - Motorola, Inc MCM63Z836 Datasheet HTML 30Page - Motorola, Inc MCM63Z836 Datasheet HTML 31Page - Motorola, Inc MCM63Z836 Datasheet HTML 32Page - Motorola, Inc MCM63Z836 Datasheet HTML 33Page - Motorola, Inc MCM63Z836 Datasheet HTML 34Page - Motorola, Inc MCM63Z836 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
MCM63Z836
•MCM63Z918
31
MOTOROLA FAST SRAM
TAP CONTROLLER INSTRUCTION SET
OVERVIEW
There are two classes of instructions defined in the IEEE
Standard 1149.1–1990; the standard (public) instructions
and device specific (private) instructions. Some public
instructions, are mandatory for IEEE 1149.1 compliance.
Optional public instructions must be implemented in pre-
scribed ways.
Although the TAP controller in this device follows the IEEE
1149.1 conventions, it is not IEEE 1149.1 compliant because
some of the mandatory instructions are not fully imple-
mented. The TAP on this device may be used to monitor all
input and I/O pads, but can not be used to load address,
data, or control signals into the RAM or to preload the I/O
buffers. In other words, the device will not perform IEEE
1149.1 EXTEST, INTEST, or the preload portion of the
SAMPLE/PRELOAD command.
When the TAP controller is placed in capture–IR state, the
two least significant bits of the instruction register are loaded
with 01. When the controller is moved to the shift–IR state
the instruction register is placed between TDI and TDO. In
this state, the desired instruction is serially loaded through
the TDI input (while the previous contents are shifted out at
TDO). For all instructions, the TAP executes newly loaded
instructions only when the controller is moved to update–IR
state. The TAP instruction sets for this device are listed in the
following tables.
STANDARD (PUBLIC) INSTRUCTIONS
BYPASS
The BYPASS instruction is loaded in the instruction regis-
ter when the bypass register is placed between TDI and
TDO. This occurs when the TAP controller is moved to the
shift–DR state. This allows the board level scan path to be
shortened to facilitate testing of other devices in the scan
path.
SAMPLE/PRELOAD
SAMPLE/PRELOAD is an IEEE 1149.1 mandatory public
instruction. When the SAMPLE/PRELOAD instruction is
loaded in the instruction register, moving the TAP controller
out of the capture–DR state loads the data in the RAMs input
and I/O buffers into the boundary scan register. Because the
RAM clock(s) are independent from the TAP clock (TCK), it is
possible for the TAP to attempt to capture the I/O ring con-
tents while the input buffers are in transition (i.e., in a metast-
able state). Although allowing the TAP to sample metastable
inputs will not harm the device, repeatable results can not be
expected. RAM input signals must be stabilized for long
enough to meet the TAPs input data capture setup plus hold
time (tCS plus tCH). The RAMs clock inputs need not be
paused for any other TAP operation except capturing the I/O
ring contents into the boundary scan register.
Moving the controller to shift–DR state then places the
boundary scan register between the TDI and TDO pins.
Because the PRELOAD portion of the command is not
implemented in this device, moving the controller to the
update–DR state with the SAMPLE/PRELOAD instruction
loaded in the instruction register has the same effect as the
pause–DR command. This functionality is not IEEE 1149.1
compliant.
EXTEST
EXTEST is an IEEE 1149.1 mandatory public instruction. It
is to be executed whenever the instruction register, whatever
length it may be in the device, is loaded with all logic 0s.
EXTEST is not implemented in this device.
IDCODE
The IDCODE instruction causes the ID ROM to be loaded
into the ID register when the controller is in capture–DR
mode and places the ID register between the TDI and TDO
pins in shift–DR mode. The IDCODE instruction is the default
instruction loaded in at TRST assertion and any time the
controller is placed in the test–logic–reset state.
THE DEVICE SPECIFIC (PUBLIC) INSTRUCTION
SAMPLE–Z
If the HIGH–Z instruction is loaded in the instruction reg-
ister, all DQ pins are forced to an inactive drive state
(High–Z) and the bypass register is connected between TDI
and TDO when the TAP controller is moved to the shift–DR
state.
THE DEVICE SPECIFIC (PRIVATE) INSTRUCTION
NO OP
Do not use these instructions; they are reserved for future
use.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63Z836

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ10 MOTOROLA-MCM63Z834TQ10 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ10R MOTOROLA-MCM63Z834TQ10R Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ11 MOTOROLA-MCM63Z834TQ11 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ11R MOTOROLA-MCM63Z834TQ11R Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM63Z836

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Integrated Device Technology
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Motorola, Inc
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz