Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM63Z836 Datasheet(PDF) 26 Page - Motorola, Inc

Part No. MCM63Z836
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z836 Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MCM63Z836 Datasheet HTML 22Page - Motorola, Inc MCM63Z836 Datasheet HTML 23Page - Motorola, Inc MCM63Z836 Datasheet HTML 24Page - Motorola, Inc MCM63Z836 Datasheet HTML 25Page - Motorola, Inc MCM63Z836 Datasheet HTML 26Page - Motorola, Inc MCM63Z836 Datasheet HTML 27Page - Motorola, Inc MCM63Z836 Datasheet HTML 28Page - Motorola, Inc MCM63Z836 Datasheet HTML 29Page - Motorola, Inc MCM63Z836 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MCM63Z836
•MCM63Z918
26
MOTOROLA FAST SRAM
SERIAL BOUNDARY SCAN TEST ACCESS PORT OPERATION
OVERVIEW
The serial boundary scan test access port (TAP) on this
RAM is designed to operate in a manner consistent with
IEEE Standard 1149.1–1990 (commonly referred to as
JTAG), but does not implement all of the functions required
for IEEE 1149.1 compliance. Certain functions have been
modified or eliminated because their implementation places
extra delays in the RAMs critical speed path. Nevertheless,
the RAM supports the standard TAP controller architecture
(the TAP controller is the state machine that controls the
TAPs operation) and can be expected to function in a manner
that does not conflict with the operation of devices with IEEE
Standard 1149.1 compliant TAPs. The TAP operates using a
3.3 V tolerant logic level signaling.
DISABLING THE TEST ACCESS PORT
It is possible to use this device without utilizing the TAP. To
disable the TAP controller without interfering with normal
operation of the device, TRST should be tied low and TCK,
TDI, and TMS should be pulled through a resistor to 3.3 V.
TDO should be left unconnected.
TAP DC OPERATING CHARACTERISTICS
(TA = 0 to 70°C, Unless Otherwise Noted)
Parameter
Symbol
Min
Max
Unit
Notes
Input Logic Low
VIL1
–0.5
0.8
V
Input Logic High
VIH1
2
3.6
V
Input Leakage Current
Ilkg
±10
µA
1
Output Logic Low
VOL1
0.4
V
2
Output Logic High
VOH1
2.4
V
NOTES:
1. 0 V
≤ Vin ≤ VDDQ for all logic input pins.
2. For VOL = 0.4 V, 14 mA ≤ IOL ≤ 28 mA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63Z836

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ10 MOTOROLA-MCM63Z834TQ10 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ10R MOTOROLA-MCM63Z834TQ10R Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ11 MOTOROLA-MCM63Z834TQ11 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834TQ11R MOTOROLA-MCM63Z834TQ11R Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM63Z836

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Integrated Device Technology
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Motorola, Inc
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz