Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7810 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L7810
Description  Light level control of light source Sensitivity control of optical sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7810 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L7810_09 Datasheet HTML 1Page - Hamamatsu Corporation L7810_09 Datasheet HTML 2Page - Hamamatsu Corporation L7810_09 Datasheet HTML 3Page - Hamamatsu Corporation L7810_09 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATIONS
COMPARISON OF SPECTRAL IRRADIANCE
(Reference Data)
LIGHT INTENSITY DRIFT (Typ.)
TLSOB0063EB
50 cm away from the light source
CONVENTIONAL HALOGEN LAMP
CALIBRATED DEUTERIUM LIGHT SOURCE
L7820 (250 nm to 400 nm)
L7820-02 (200 nm to 400 nm)
CALIBRATED XENON LIGHT SOURCE
L7810 (250 nm to 800 nm)
L7810-02 (200 nm to 800 nm)
200
250
300
350
400
450
500
550
600
650
700
750
800
WAVELENGTH (nm)
0.001
0.01
0.1
1
10
100
JCSS
ASNITE calibration
HIGH
POWER
WIDE
SPECTRAL
RANGE
HIGH
POWER
WIDE
SPECTRAL
RANGE
OPERATING TIME (h)
10
20
0
50
40
30
20
10
80
70
60
110
100
90
30
40
50
60
70
80
90
100
110
HIGH
STABILITY
HIGH
STABILITY
TLSOB0065EB
Type No.
L7810
L7810-02
L7820
L7820-02
Lamp
Input Wattage
Spectral Distribution
Calibrated
Range 1
Type of Calibration
Calibration Unit
Output Window Material (Lamp Housing)
Output Window Diameter
Optical Axis Height
Warm-up Time
Timer
Input Voltage (AC)
Power Consumption
Cooling (Lamp Housing, Power Supply)
Ambient Operating Temperature
Operating Range
During Calibration
Dimensions
(excluding projecting parts)
(W
× H × D)
Weight
Recalibration Interval 4
Guaranteed Lamp Service Life 5
Xenon lamp
150 W
185 nm to 2000 nm
250 nm to 800 nm (10 nm intervals)
28 mm
Hour display (power supply)
350 VA
144 mm
× 90 mm × 282 mm
Approx. 2.9 kg
Approx. 3.2 kg
Approx. 11 kg
200 nm to 245 nm (5 nm intervals)
Spectral irradiance
µW·cm-2·nm-1
Synthetic quartz
140 mm (150 mm including plastic feet)
10 minutes or more
100 V to 240 V, 50 Hz / 60 Hz
Forced air cooling
0
°C to +40 °C
+23
°C to +27 °C
20 % to 70 % (no condensation)
100 mm
× 280 mm × 100 mm
480 mm
× 380 mm × 205 mm
100 hours in operation
500 hours
Deuterium lamp
30 W
185 nm to 400 nm
250 nm to 400 nm (10 nm intervals)
25 mm
Hour display (lamp housing)
90 VA
117 mm
× 90 mm × 200 mm
Approx. 2.2 kg
Approx. 2.2 kg
Approx. 9.5 kg
200 nm to 245 nm (5 nm intervals)
ASNITE Calibration
JCSS
Temperature
Humidity
Lamp Housing
Power Supply
Carrying Case 2
Lamp Housing
Power Supply
Total Weight 3
In spectral regions not covered by the
range specified by JCSS, NITE carries out
accreditation to make calibration using in-
ternational and foreign national standards.
The Product Management Dept. of Hama-
matsu Photonics K. K. was accredited as
an ASNITE calibration company in the
"Light" field on May 7, 2004 and is entitled
to issue calibration certificates bearing the
ASNITE logo mark (ASNITE accreditation
symbol).
This is the logo mark for the Accredi-
tation System of National Institute of
Technology and Evaluation (ASN-
ITE), an independent administrative
agency in Japan. NITE independent-
ly implements calibration standards
based on international standards.
The Product Management Dept. of Hamamatsu
Photonics K. K. was accredited as a calibration
company in the "Light" field on May 21, 1999,
and then became a registered company on Au-
gust 4, 2009 according to the legal revisions.
And is entitled to issue calibration certificates
bearing the JCSS logo mark (JCSS accredita-
tion symbol). Those calibration certificates as-
sure the traceability to National Measurement
Standards and can be used, for example, as a
traceability certificate for ISO9000 series.
This is the logo mark for the
traceability system approved
by the Japan Calibration Serv-
ice System (JCSS) based on
the Measurement Law.
NOTE: 1Spectral irradiance is measured at a point 50 cm away from the reference plane of the lamp housing.
2Carrying case specially designed to contain one set of calibrated lamp light source and accessories.
3Total weight including a set of calibration lamp light source and carrying case.
4This is a general guide for recalibration to maintain calibration reliability. Please contact our sales office for recalibration fee.
5This is the total amount of time that the lamp can be recalibrated to serve as a calibrated light source.


Similar Part No. - L7810_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 52P
   Positive voltage regulators
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7810CD2T STMICROELECTRONICS-L7810CD2T Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7810CD2T-TR STMICROELECTRONICS-L7810CD2T-TR Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7810CD2T-TR STMICROELECTRONICS-L7810CD2T-TR Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
More results

Similar Description - L7810_09

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3G MSPI-ZT028LAIC3G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1Y MSPI-ZT028LDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3G MSPI-ZT028LDIC3G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC1R MSPI-ZT028LAIC1R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3R MSPI-ZT028LAIC3R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC2G MSPI-ZT028LDIC2G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028MDIC1Y MSPI-ZT028MDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1R MSPI-ZT028LDIC1R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3R MSPI-ZT028LDIC3R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com