Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63P737K Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM63P737K
Description  128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P737K Datasheet(HTML) 1 Page - Motorola, Inc

  MCM63P737K Datasheet HTML 1Page - Motorola, Inc MCM63P737K Datasheet HTML 2Page - Motorola, Inc MCM63P737K Datasheet HTML 3Page - Motorola, Inc MCM63P737K Datasheet HTML 4Page - Motorola, Inc MCM63P737K Datasheet HTML 5Page - Motorola, Inc MCM63P737K Datasheet HTML 6Page - Motorola, Inc MCM63P737K Datasheet HTML 7Page - Motorola, Inc MCM63P737K Datasheet HTML 8Page - Motorola, Inc MCM63P737K Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MCM63P737K
•MCM63P819K
1
MOTOROLA FAST SRAM
Advance Information
128K x 36 and 256K x 18 Bit
Pipelined BurstRAM
Synchronous Fast Static RAM
The MCM63P737K and MCM63P819K are 4M–bit synchronous fast static
RAMs designed to provide a burstable, high performance, secondary cache. The
MCM63P737K (organized as 128K words by 36 bits) and the MCM63P819K
(organized as 256K words by 18 bits) integrate input registers, an output register,
a 2–bit address counter, and high speed SRAM onto a single monolithic circuit
for reduced parts count in cache data RAM applications. Synchronous design
allows precise cycle control with the use of an external clock (K).
Addresses (SA), data inputs (DQx), and all control signals except output
enable (G), sleep mode (ZZ), and linear burst order (LBO) are clock (K)
controlled through positive–edge–triggered noninverting registers.
Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst
addresses can be generated internally by the MCM63P737K and MCM63P819K
(burst sequence operates in linear or interleaved mode dependent upon the state
of LBO) and controlled by the burst address advance (ADV) input pin.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
Synchronous byte write (SBx), synchronous global write (SGW), and synchro-
nous write enable (SW) are provided to allow writes to either individual bytes or
to all bytes. The bytes are designated as “a”, “b”, etc. SBa controls DQa, SBb
controls DQb, etc. Individual bytes are written if the selected byte writes SBx are
asserted with SW. All bytes are written if either SGW is asserted or if all SBx and
SW are asserted.
For read cycles, pipelined SRAMs output data is temporarily stored by an
edge–triggered output register and then released to the output buffers at the next
rising edge of clock (K).
The MCM63P737K and MCM63P819K operate from a 3.3 V core power
supply and all outputs operate on a 2.5 V or 3.3 V power supply. All inputs and
outputs are JEDEC standard JESD8–5 compatible.
• MCM63P737K/MCM63P819K–166 = 3.5 ns Access/6 ns Cycle (166 MHz)
MCM63P737K / MCM63P819K–150 = 3.8 ns Access / 6.7 ns Cycle (150 MHz)
MCM63P737K / MCM63P819K–133 = 4 ns Access / 7.5 ns Cycle (133 MHz)
• 3.3 V +10%, –5% Core Power Supply, 2.5 V or 3.3 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• Sleep Mode (ZZ)
• JEDEC Standard 100–Pin TQFP and 119–Pin PBGA Packages
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MCM63P737K/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM63P737K
MCM63P819K
TQ PACKAGE
TQFP
CASE 983A–01
ZP PACKAGE
PBGA
CASE 999–02
REV 1
1/24/00
© Motorola, Inc. 2000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63P737K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ100 MOTOROLA-MCM63P733ATQ100 Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ100R MOTOROLA-MCM63P733ATQ100R Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ117 MOTOROLA-MCM63P733ATQ117 Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ117R MOTOROLA-MCM63P733ATQ117R Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P737K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com