Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM63F837 Datasheet(PDF) 24 Page - Motorola, Inc

Part No. MCM63F837
Description  256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63F837 Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MCM63F837 Datasheet HTML 20Page - Motorola, Inc MCM63F837 Datasheet HTML 21Page - Motorola, Inc MCM63F837 Datasheet HTML 22Page - Motorola, Inc MCM63F837 Datasheet HTML 23Page - Motorola, Inc MCM63F837 Datasheet HTML 24Page - Motorola, Inc MCM63F837 Datasheet HTML 25Page - Motorola, Inc MCM63F837 Datasheet HTML 26Page - Motorola, Inc MCM63F837 Datasheet HTML 27Page - Motorola, Inc MCM63F837 Datasheet HTML 28Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
MCM63F837
•MCM63F919
24
MOTOROLA FAST SRAM
TAP CONTROLLER INSTRUCTION SET
OVERVIEW
There are two classes of instructions defined in the IEEE
Standard 1149.1–1990; the standard (public) instructions
and device specific (private) instructions. Some public
instructions, are mandatory for IEEE 1149.1 compliance.
Optional public instructions must be implemented in pre-
scribed ways.
Although the TAP controller in this device follows the IEEE
1149.1 conventions, it is not IEEE 1149.1 compliant because
some of the mandatory instructions are not fully imple-
mented. The TAP on this device may be used to monitor all
input and I/O pads, but can not be used to load address,
data, or control signals into the RAM or to preload the I/O
buffers. In other words, the device will not perform IEEE
1149.1 EXTEST, INTEST, or the preload portion of the
SAMPLE/PRELOAD command.
When the TAP controller is placed in capture–IR state, the
two least significant bits of the instruction register are loaded
with 01. When the controller is moved to the shift–IR state
the instruction register is placed between TDI and TDO. In
this state the desired instruction is serially loaded through the
TDI input (while the previous contents are shifted out at
TDO). For all instructions, the TAP executes newly loaded
instructions only when the controller is moved to update–IR
state. The TAP instruction sets for this device are listed in the
following tables.
STANDARD (PUBLIC) INSTRUCTIONS
BYPASS
The BYPASS instruction is loaded in the instruction regis-
ter when the bypass register is placed between TDI and
TDO. This occurs when the TAP controller is moved to the
shift–DR state. This allows the board level scan path to be
shortened to facilitate testing of other devices in the scan
path.
SAMPLE/PRELOAD
SAMPLE/PRELOAD is an IEEE 1149.1 mandatory public
instruction. When the SAMPLE/PRELOAD instruction is
loaded in the Instruction register, moving the TAP controller
out of the capture–DR state loads the data in the RAMs input
and I/O buffers into the boundary scan register. Because the
RAM clock(s) are independent from the TAP clock (TCK), it is
possible for the TAP to attempt to capture the I/O ring con-
tents while the input buffers are in transition (i.e., in a metast-
able state). Although allowing the TAP to sample metastable
inputs will not harm the device, repeatable results can not be
expected. RAM input signals must be stabilized for long
enough to meet the TAPs input data capture setup plus hold
time (tCS plus tCH). The RAMs clock inputs need not be
paused for any other TAP operation except capturing the I/O
ring contents into the boundary scan register.
Moving the controller to shift–DR state then places the
boundary scan register between the TDI and TDO pins.
Because the PRELOAD portion of the command is not
implemented in this device, moving the controller to the
update–DR state with the SAMPLE/PRELOAD instruction
loaded in the instruction register has the same effect as the
pause–DR command. This functionality is not IEEE 1149.1
compliant.
EXTEST
EXTEST is an IEEE 1149.1 mandatory public instruction. It
is to be executed whenever the instruction register, whatever
length it may be in the device, is loaded with all logic 0s.
EXTEST is not implemented in this device.
IDCODE
The IDCODE instruction causes the ID ROM to be loaded
into the ID register when the controller is in capture–DR
mode and places the ID register between the TDI and TDO
pins in shift–DR mode. The IDCODE instruction is the default
instruction loaded in at TRST assertion and any time the
controller is placed in the test–logic–reset state.
THE DEVICE SPECIFIC (PUBLIC) INSTRUCTION
SAMPLE–Z
If the SAMPLE–Z instruction is loaded in the instruction
register, all DQ pins are forced to an inactive drive state
(High–Z) and the bypass register is connected between TDI
and TDO when the TAP controller is moved to the shift–DR
state.
THE DEVICE SPECIFIC (PRIVATE) INSTRUCTION
NO OP
Do not use these instructions; they are reserved for future
use.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63F837

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63F819K MOTOROLA-MCM63F819K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ11 MOTOROLA-MCM63F819KTQ11 Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ11R MOTOROLA-MCM63F819KTQ11R Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ8.5 MOTOROLA-MCM63F819KTQ8.5 Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ8.5R MOTOROLA-MCM63F819KTQ8.5R Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63F837

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz