Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM63F837 Datasheet(PDF) 19 Page - Motorola, Inc

Part No. MCM63F837
Description  256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63F837 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MCM63F837 Datasheet HTML 15Page - Motorola, Inc MCM63F837 Datasheet HTML 16Page - Motorola, Inc MCM63F837 Datasheet HTML 17Page - Motorola, Inc MCM63F837 Datasheet HTML 18Page - Motorola, Inc MCM63F837 Datasheet HTML 19Page - Motorola, Inc MCM63F837 Datasheet HTML 20Page - Motorola, Inc MCM63F837 Datasheet HTML 21Page - Motorola, Inc MCM63F837 Datasheet HTML 22Page - Motorola, Inc MCM63F837 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MCM63F837
•MCM63F919
19
MOTOROLA FAST SRAM
SERIAL BOUNDARY SCAN TEST ACCESS PORT OPERATION
OVERVIEW
The serial boundary scan test access port (TAP) on this
RAM is designed to operate in a manner consistent with
IEEE Standard 1149.1–1990 (commonly referred to as
JTAG), but does not implement all of the functions required
for IEEE 1149.1 compliance. Certain functions have been
modified or eliminated because their implementation places
extra delays in the RAMs critical speed path. Nevertheless,
the RAM supports the standard TAP controller architecture
(the TAP controller is the state machine that controls the
TAPs operation) and can be expected to function in a manner
that does not conflict with the operation of devices with IEEE
Standard 1149.1 compliant TAPs. The TAP operates using a
3.3 V tolerant logic level signaling.
DISABLING THE TEST ACCESS PORT
It is possible to use this device without utilizing the TAP. To
disable the TAP controller without interfering with normal
operation of the device, TRST should be tied low and TCK,
TDI, and TMS should be pulled through a resistor to 3.3 V.
TDO should be left unconnected.
TAP DC OPERATING CHARACTERISTICS
(TA = 0 to 70°C, Unless Otherwise Noted)
Parameter
Symbol
Min
Max
Unit
Notes
Input Logic Low
VIL1
–0.5
0.8
V
Input Logic High
VIH1
2
3.6
V
Input Leakage Current
Ilkg
±10
µA
1
Output Logic Low
VOL1
0.4
V
2
Output Logic High
VOH1
2.4
V
NOTES:
1. 0 V
≤ Vin ≤ VDDQ for all logic input pins.
2. For VOL = 0.4 V, 14 mA ≤ IOL ≤ 28 mA.
TAP AC OPERATING CONDITIONS AND CHARACTERISTICS
(TA = 0 to 70°C, Unless Otherwise Noted)
AC TEST CONDITIONS
Parameter
Value
Unit
Input Timing Reference Level
1.5
V
Input Pulse Levels
0 to 3.0
V
Input Rise/Fall Time (20% to 80%)
1
V/ns
Output Timing Reference Level
1.5
V
Output Load (See Figure 1 Unless Otherwise Noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63F837

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63F819K MOTOROLA-MCM63F819K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ11 MOTOROLA-MCM63F819KTQ11 Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ11R MOTOROLA-MCM63F819KTQ11R Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ8.5 MOTOROLA-MCM63F819KTQ8.5 Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ8.5R MOTOROLA-MCM63F819KTQ8.5R Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63F837

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz