Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3026 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TZA3026
Description  SDH/SONET STM4/OC12 transimpedance amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TZA3026 Datasheet(HTML) 3 Page - NXP Semiconductors

  TZA3026 Datasheet HTML 1Page - NXP Semiconductors TZA3026 Datasheet HTML 2Page - NXP Semiconductors TZA3026 Datasheet HTML 3Page - NXP Semiconductors TZA3026 Datasheet HTML 4Page - NXP Semiconductors TZA3026 Datasheet HTML 5Page - NXP Semiconductors TZA3026 Datasheet HTML 6Page - NXP Semiconductors TZA3026 Datasheet HTML 7Page - NXP Semiconductors TZA3026 Datasheet HTML 8Page - NXP Semiconductors TZA3026 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
9397 750 14763
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2005
3 of 15
Philips Semiconductors
TZA3026
SDH/SONET STM4/OC12 transimpedance amplifier
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pad configuration
001aac618
VCC
IDREF_MON
AGC
OUTQ
OUT
GND
GND
VCC
IDREF_MON
AGC
OUT
OUTQ
GND
GND
3
1
17
4
16
5
15
6
12
9
11
10
2
7
8
14
13
TZA3026
Table 2:
Bonding pad description
Bonding pad locations with respect to the center of the die (see Figure 10), X and Y are in
µm.
Symbol
Pad X
Y
Type
Description
DREF
1
−493.6 140
output
bias voltage output for PIN diode; connect cathode of PIN diode to
pad 1 or pad 3
IPHOTO
2
−493.6 0
input
current input; anode of PIN diode should be connected to this pad
DREF
3
−493.6 −140
output
bias voltage output for PIN diode; connect cathode of PIN diode to
pad 1 or pad 3
VCC
4
−353.6 −278.6 supply
supply voltage; connect supply voltage to pad 4 or pad 17
IDREF_MON
5
−213.6 −278.6 output
current output for RSSI measurements; connect a resistor to pad 5
or pad 16 and ground
AGC
6
−73.6
−278.6 input
AGC voltage; use pad 6 or pad 15
OUTQ
7
66.4
−278.6 output
data output; complement of pad OUT; use pad 7 or pad 13
OUT
8
206.4
−278.6 output
data output; use pad 8 or pad 14 [1]
GND
9
346.4
−278.6 ground
ground; connect together pads 9, 10, 11 and pad 12 as many as
possible
GND
10
486.4
−278.6 ground
ground; connect together pads 9, 10, 11 and pad 12 as many as
possible


Similar Part No. - TZA3026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3023 PHILIPS-TZA3023 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3023T PHILIPS-TZA3023T Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3023U PHILIPS-TZA3023U Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
More results

Similar Description - TZA3026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3044 PHILIPS-TZA3044 Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com