Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBD7000 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SMBD7000
Description  Silicon Switching Diode Array For high-speed switching applications Qualified according AEC Q101
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBD7000 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SMBD7000_07 Datasheet HTML 1Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 2Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 3Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 4Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 5Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2007-03-28
5
SMBD7000/MMBD7000...
Package SOT23
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
EH
s
BCW66
Type code
Pin 1
0.8
0.8
1.2
0.25 M BC
1.9
-0.05
+0.1
0.4
±0.1
2.9
0.95
C
B
0...8˚
0.2
A
0.1 MAX.
0.08...0.15
M
±0.1
1
A
1)
1) Lead width can be 0.6 max. in dambar area
12
3
3.15
4
0.9
0.2
1.15
Pin 1
Manufacturer
2005, June
Date code (YM)


Similar Part No. - SMBD7000_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBD7000 SIEMENS-SMBD7000 Datasheet
99Kb / 4P
   Silicon Switching Diode Array
logo
Infineon Technologies A...
SMBD7000 INFINEON-SMBD7000 Datasheet
444Kb / 4P
   Silicon Switching Diode Array
Mar-10-2004
More results

Similar Description - SMBD7000_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBD914 INFINEON-SMBD914_07 Datasheet
72Kb / 6P
   Silicon Switching Diode For high-speed switching applications Qualified according AEC Q101
2007-03-28
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
logo
Rohm
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Siemens Semiconductor G...
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com