Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CJM Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CJM
Description  266 MHz i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CJM Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC9328MX21CJM Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.4
4
Freescale Semiconductor
Introduction
1.5
Features
The i.MX21 boasts a robust array of features that can support a wide variety of applications. Below is a
brief description of i.MX21 features.
ARM926EJ-S Core Complex
enhanced Multimedia Accelerator (eMMA)
Display and Video Modules
— LCD Controller (LCDC)
— Smart LCD Controller (SLCDC)
— CMOS Sensor Interface (CSI)
Bus Master Interface (BMI)
Wireless Connectivity
— Fast Infra-Red Interface (FIRI)
Wired Connectivity
— USB On-The-Go (USBOTG) Controller
— Four Universal Asynchronous Receiver/Transmitters (UARTx)
— Three Configurable Serial Peripheral Interfaces (CSPIx) for High Speed Data Transfer
— Inter-IC (I2C) Bus Module
— Two Synchronous Serial Interfaces (SSI) with Inter-IC Sound (I2S)
— Digital Audio Mux
— One-Wire Controller
— Keypad Interface
Memory Expansion and I/O Card Support
— Two Multimedia Card and Secure Digital (MMC/SD) Host Controller Modules
MC9328MX21DVK!
289-lead MAPBGA
0.65mm, 14mm x 14mm
Lead-free
-30
°C–70°C
MC9328MX21DVM!
289-lead MAPBGA
0.8mm, 17mm x 17mm
Lead-free
-30
°C–70°C
MC9328MX21CVK!
289-lead MAPBGA
0.65mm, 14mm x 14mm
Lead-free
-40
°C–85°C
MC9328MX21CVM!
289-lead MAPBGA
0.8mm, 17mm x 17mm
Lead-free
-40
°C–85°C
MC9328MX21CJM
289-lead MAPBGA
0.8mm, 17mm x 17mm
Lead-free
-40
°C–85°C
Table 1. Ordering Information1 (Continued)
Part Order Number
Package Size
Package Type
Operating Range


Similar Part No. - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CJM FREESCALE-MC9328MX21CJM Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CJM NXP-MC9328MX21CJM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com