Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CJM Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CJM
Description  266 MHz i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CJM Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CJM Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.4
26
Freescale Semiconductor
Specifications
Figure 10. Memory Interface Slave Mode, External Bus Master Read/Write to BMI Timing
(MMD_MODE_SEL=0, MASTER_MODE_SEL=0)
Note:
All the timings are assumed that the hclk is running at 133 MHz.
3.8.3
Connecting BMI to External Bus Slave Devices
In this mode the BMI_WRITE, BMI_READ and BMI_CLK/CS are output signals driving by the BMI
module. The output signal BMI_READ_REQ is still driving active-in on a write cycle, but it can be
ignored in this case. Instead, it is used to trigger internal logic to generate the read or write signals. Data
write cycles are continuously generated when TxFIFO is not emptied.
To issue a read cycle, the user can write a value of 1 to the READ bit of control register. This bit is cleared
automatically when the read operation is completed. A read cycle reads COUNT+1 data from the external
bus slave. The user can write a 1 to the READ bit while there is still data in the TxFIFO, but the read cycle
will not start until all data in the TxFIFO is emptied. If the read cycle begins, the write operation also
cannot begin until this read cycle complete.
In this master mode operation, Int_Clk is derived from HCLK through an integer divider DIV of BMI
control register and it is used to control the read/write cycle timing by generate WRITE and CLK/CS
signals.
Table 18. External Bus Master Read/Write to BMI Timing Table
Item
Symbol
Minimum
Typical
Maximum
Unit
Write setup time
Ts
11
ns
Write hold time
Th
0
ns
Receive data hold time
Trdh
3
ns
Transfer data setup time
Ttds
6
14
ns
Transfer data hold time
Ttdh
6
14
ns
Read_req hold time
Trh
6
24
ns
BMI_CLK/CS
BMI_READ_REQ
BMI_WRITE
BMI_D[15:0]
RxD
TxD
Last TxD
Read
BMI
Write
BMI
Read
BMI
Trdh
Trh
Th
Ts
Ts
Ttds
Ttdh


Similar Part No. - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CJM FREESCALE-MC9328MX21CJM Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CJM NXP-MC9328MX21CJM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com