Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VM Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MC9328MX21VM
Description  266 MHz i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21VM Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21VM Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.4
14
Freescale Semiconductor
Specifications
3
Specifications
This section contains the electrical specifications and timing diagrams for the i.MX21 processor.
3.1
Maximum Ratings
Table 3 provides the maximum ratings.
CAUTION
Stresses beyond those listed under “Maximum Ratings,” (Table 3) may cause
permanent damage to the device. These are stress ratings only. Functional operation
of the device at these or any other conditions beyond those indicated under
“266 MHz Recommended Operating Range” (Table 4) is not implied. Exposure to
maximum-rated conditions for extended periods may affect device reliability.
3.2
Recommended Operating Range
Table 4 provides the recommended operating ranges. The device has multiple pairs of VDD and VSS
power supply and return pins. QVDD, QVDDx, and QVSS pins are used for internal logic. All other VDD
and VSS pins are for the I/O pads voltage supply, and each pair of VDD and VSS provides power to the
enclosed I/O pads. This design allows different peripheral supply voltage levels in a system.
Because VDDA pins are supply voltages to the analog pads, it is recommended to isolate and noise-filter
the VDDA pins from other VDD pins.
Supply Pins – Analog Modules
VDDA
Supply for analog blocks
QVSS (internally
connected to AVSS)
Quiet GND for analog blocks (QVSS and AVSS are synonymous)
Internal Power Supplies
QVDD
Power supply pins for silicon internal circuitry
QVSS
Quiet GND pins for silicon internal circuitry
QVDDX
Power supply pin for the ARM core. Externally connect directly to QVDD
Table 3. Maximum Ratings
Ref. Num
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
QVDDmax, QVDDXmax
-0.3
2.1
V
NVDDmax, VDDAmax
-0.3
3.3
V
2
Input Voltage Range
VImax
-0.3
VDD + 0.31
1. VDD is the supply voltage associated with the input. See Signal Multiplexing Scheme table in the reference manual.
V
3
Storage Temperature Range
Tstorage
-55
150
oC
Table 2. i.MX21 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21VM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21VM MOTOROLA-MC9328MX21VM Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VM NXP-MC9328MX21VM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21VM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com