Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VM Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC9328MX21VM
Description  266 MHz i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21VM Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21VM Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9328MX21VM Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
Specifications
MC9328MX21 Technical Data, Rev. 3.4
Freescale Semiconductor
57
Table 37. SSI to SSI3 Ports Timing Parameters
Ref
No.
Parameter
1.8 V
± 0.1 V
3.0 V
± 0.3 V
Unit
Minimum
Maximum
Minimum
Maximum
Internal Clock Operation1 (SSI3 Ports)
1
(Tx/Rx) CK clock period1 90.
91
90.91
ns
2
(Tx) CK high to FS (bl) high
-2.09
-0.66
-2.09
-0.66
ns
3
(Rx) CK high to FS (bl) high
-2.74
-0.84
-2.74
-0.84
ns
4
(Tx) CK high to FS (bl) low
-2.09
-0.66
-2.09
-0.66
ns
5
(Rx) CK high to FS (bl) low
-2.74
-0.84
-2.74
-0.84
ns
6
(Tx) CK high to FS (wl) high
-2.09
-0.66
-2.09
-0.66
ns
7
(Rx) CK high to FS (wl) high
-2.74
-0.84
-2.74
-0.84
ns
8
(Tx) CK high to FS (wl) low
-2.09
-0.66
-2.09
-0.66
ns
9
(Rx) CK high to FS (wl) low
-2.74
-0.84
-2.74
-0.84
ns
10
(Tx) CK high to STXD valid from high impedance
-1.73
-0.26
-1.73
-0.26
ns
11a (Tx) CK high to STXD high
-2.87
-0.80
-2.87
-0.80
ns
11b (Tx) CK high to STXD low
-2.87
-0.80
-2.87
-0.80
ns
12
(Tx) CK high to STXD high impedance
-1.73
-0.26
-1.73
-0.26
ns
13
SRXD setup time before (Rx) CK low
22.77
22.77
ns
14
SRXD
h
old
t
ime after
(
Rx) CK low
0–0–
ns
External Clock Operation (SSI3 Ports)
15
(Tx/Rx) CK clock period1 90.
91
90.91
ns
16
(Tx/Rx) CK clock high period
36.36
36.36
ns
17
(Tx/Rx) CK clock low period
36.36
36.36
ns
18
(Tx) CK high to FS (bl) high
9.62
17.10
7.90
15.61
ns
19
(Rx) CK high to FS (bl) high
10.30
19.54
8.58
18.05
ns
20
(Tx) CK high to FS (bl) low
9.62
17.10
7.90
15.61
ns
21
(Rx) CK high to FS (bl) low
10.30
19.54
8.58
18.05
ns
22
(Tx) CK high to FS (wl) high
9.62
17.10
7.90
15.61
ns
23
(Rx) CK high to FS (wl) high
10.30
19.54
8.58
18.05
ns
24
(Tx) CK high to FS (wl) low
9.62
17.10
7.90
15.61
ns
25
(Rx) CK high to FS (wl) low
10.30
19.54
8.58
18.05
ns
26
(Tx) CK high to STXD valid from high impedance
9.02
16.46
7.29
14.97
ns
27a (Tx) CK high to STXD high
8.48
15.32
6.75
13.83
ns
27b (Tx) CK high to STXD low
8.48
15.32
6.75
13.83
ns


Similar Part No. - MC9328MX21VM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21VM MOTOROLA-MC9328MX21VM Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VM NXP-MC9328MX21VM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21VM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com