Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF080101M Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTF080101M
Description  High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080101M Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTF080101M Datasheet HTML 1Page - Infineon Technologies AG PTF080101M Datasheet HTML 2Page - Infineon Technologies AG PTF080101M Datasheet HTML 3Page - Infineon Technologies AG PTF080101M Datasheet HTML 4Page - Infineon Technologies AG PTF080101M Datasheet HTML 5Page - Infineon Technologies AG PTF080101M Datasheet HTML 6Page - Infineon Technologies AG PTF080101M Datasheet HTML 7Page - Infineon Technologies AG PTF080101M Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
4 of 8
Rev. 02.1, 2009-02-18
PTF080101M
Gate-Source Voltage vs. Temperature
Voltage normalized to typical gate voltage,
series show current.
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
-20
0
20
40
60
80
100
Case Temperature (ºC)
0.05
0.28
0.51
0.74
0.97
1.2
Typical Performance (cont.)
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Frequency
Z Source
Z Load
MHz
R
jX
R
jX
820
3.73
2.10
10.41
3.92
840
3.81
2.22
9.61
4.14
860
3.83
2.30
9.00
4.48
880
3.76
2.39
8.55
4.89
900
3.61
2.50
8.24
5.32
920
3.37
2.69
8.02
5.76
940
3.08
2.96
7.89
6.20
960
2.76
3.35
7.84
6.63
980
2.43
3.86
7.85
7.04
1000
2.13
4.47
7.91
7.43


Similar Part No. - PTF080101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
More results

Similar Description - PTF080101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
   LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
PTF080451 INFINEON-PTF080451 Datasheet
158Kb / 9P
   LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
2004-06-24
PTF080901 INFINEON-PTF080901 Datasheet
205Kb / 10P
   LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
2004-04-05
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
logo
Tyco Electronics
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com