Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF210451E Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTF210451E
Description  Thermally-Enhanced High Power RF LDMOS FETs 45 W, 2010 ??2025 MHz and 2110 ??2170 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF210451E Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTF210451E Datasheet HTML 2Page - Infineon Technologies AG PTF210451E Datasheet HTML 3Page - Infineon Technologies AG PTF210451E Datasheet HTML 4Page - Infineon Technologies AG PTF210451E Datasheet HTML 5Page - Infineon Technologies AG PTF210451E Datasheet HTML 6Page - Infineon Technologies AG PTF210451E Datasheet HTML 7Page - Infineon Technologies AG PTF210451E Datasheet HTML 8Page - Infineon Technologies AG PTF210451E Datasheet HTML 9Page - Infineon Technologies AG PTF210451E Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Data Sheet
10 of 10
Rev. 06, 2008-02-13
GOLDMOS® is a registered trademark of Infineon Technologies AG.
Edition 2008-02-13
Published by
Infineon Technologies AG
81726 München, Germany
© Infineon Technologies AG 2003.
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples or hints given herein, any typical values stated herein and/or any
information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and
liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third
party.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon
Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support
device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are
intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it
is reasonable to assume that the health of the user or other persons may be endangered.
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
highpowerRF@infineon.com
To request other information, contact us at:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International
PTF210451EF
Confidential, Limited Internal Distribution
Revision History:
2008-02-13
Data Sheet
Previous Version:
2006-09-05, Data Sheet
Page
Subjects (major changes since last revision)
all
Show PTF210451F as released.
1, 2, 8, 9
Update package designation.
10
Update company information.


Similar Part No. - PTF210451E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210451E INFINEON-PTF210451E Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
More results

Similar Description - PTF210451E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com