Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA091201GL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFA091201GL
Description  Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA091201GL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFA091201GL Datasheet HTML 2Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 3Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 4Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 5Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 6Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 7Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 8Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 9Page - Infineon Technologies AG PTFA091201GL Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
7 of 10
Rev. 02, 2008-08-27
PTFA091201GL
PTFA091201HL
Confidential, Limited Internal Distribution
Component
Description
Suggested Manufacturer
P/N or Comment
C1, C2, C3
Capacitor, 0.001 µF
Digi-Key
PCC1772CT-ND
C4
Tantalum capacitor, 10 µF, 35 V
Digi-Key
399-1655-2-ND
C5, C7 C17, C22
Capacitor, 0.1 µF
Digi-Key
PCC104BCT-ND
C6, C9, C10, C14,
Ceramic capacitor, 33 pF
ATC
100B 330
C19, C27
C8
Capacitor, 0.01 µF
ATC
200B 103
C11
Ceramic capacitor, 1.2 pF
ATC
100B 1R2
C12
Ceramic capacitor, 7.5 pF
ATC
100B 7R5
C13
Ceramic capacitor, 0.7 pF
ATC
100B 0R7
C15, C20
Capacitor, 1.0 µF
ATC
920C105
C16, C18, C21, C23
Tantalum capacitor, 10 µF, 50 V
Garrett Electronics
TPSE106K050R0400
C24, C25
Ceramic capacitor, 1.0 pF
ATC
100B 1R0
C26
Ceramic capacitor, 2.4 pF
ATC
100B 2R4
C28
Ceramic capacitor, 0.5 pF
ATC
100B 0R5
L1, L2
Ferrite, 8.9 mm
Elna Magnetics
BDS 4.6/3/8.9-4S2
Q1
Transistor
Infineon Technologies
BCP56
QQ1
Voltage regulator
National Semiconductor
LM7805
R1
Chip Resistor 1.2 k-ohms
Digi-Key
P1.2KGCT-ND
R2
Chip Resistor 1.3 k-ohms
Digi-Key
P1.3KGCT-ND
R3
Chip Resistor 2 k-ohms
Digi-Key
P2KECT-ND
R4
Potentiometer 2 k-ohms
Digi-Key
3224W-202ETR-ND
R5, R7
Chip Resistor 5.1 k-ohms
Digi-Key
P5.1KECT-ND
R6, R8
Chip Resistor 10 ohms
Digi-Key
P10ECT-ND
A091201in_01
A091201out_01
QQ1
C3
C1
R2
C2
R1
R5
R3
C5
R6 R7
C9
C6
C8
C7
C11
C10
C12
C13
C14
C24
C25
C26
C19
C21
C22
C16
C17
C23
C18
C27
C28
R8
C15
C20
a091201e f_assy
RF_IN
RF_OUT
LM
L1
R4
Q1
C4
L2
VDD
VDD
VDD
Reference Circuit (cont.)
Reference circuit assembly diagram (not to scale)*
*Gerber files for this circuit available on request


Similar Part No. - PTFA091201GL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091201GL INFINEON-PTFA091201GL Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
More results

Similar Description - PTFA091201GL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
PTFA091201E INFINEON-PTFA091201E Datasheet
272Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19
PTFA091203EL INFINEON-PTFA091203EL Datasheet
620Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 05, 2010-11-12
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA092213EL INFINEON-PTFA092213EL Datasheet
671Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920-960 MHz
Rev. 04, 2010-11-04
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com