Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH08S120 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDH08S120
Description  thinQ SiC Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH08S120 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDH08S120 Datasheet HTML 1Page - Infineon Technologies AG IDH08S120 Datasheet HTML 2Page - Infineon Technologies AG IDH08S120 Datasheet HTML 3Page - Infineon Technologies AG IDH08S120 Datasheet HTML 4Page - Infineon Technologies AG IDH08S120 Datasheet HTML 5Page - Infineon Technologies AG IDH08S120 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IDH08S120
5 Typ. capacitance charge vs. current slope
6 Transient thermal impedance
Q C=f(di F/dt )
4); T
j=150 °C; I F≤I F,max
Z thJC=f(t p)
parameter: D =t p/T
0
0.02
0.05
0.1
0.2
0.5
10-5
10-4
10-3
10-2
10-1
10-3
10-2
10-1
100
101
t [s]
0
5
10
15
20
25
30
100
400
700
1000
di
F/dt [A/µs]
Rev. 2.0
page 4
2010-04-20
7 Typ. capacitance vs. reverse voltage
8 Typ. C stored energy
C
=f(V R); T C=25 °C, f =1 MHz
E C=f(V R)
0
0.02
0.05
0.1
0.2
0.5
10-5
10-4
10-3
10-2
10-1
10-3
10-2
10-1
100
101
t [s]
0
5
10
15
20
25
30
100
400
700
1000
di
F/dt [A/µs]
0
100
200
300
400
1
10
100
1000
V
R [V]
0
1
2
3
4
5
6
7
0
200
400
600
V
R [V]
Rev. 2.0
page 4
2010-04-20


Similar Part No. - IDH08S120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH08S60C INFINEON-IDH08S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
IDH08SG60C INFINEON-IDH08SG60C Datasheet
235Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH08SG60C INFINEON-IDH08SG60C Datasheet
552Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDH08SG60C INFINEON-IDH08SG60C_12 Datasheet
552Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
More results

Similar Description - IDH08S120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDT08S60 INFINEON-SDT08S60 Datasheet
207Kb / 8P
   Thinq SiC Schottky Diode
Rev. 2.0 2004-03-18
IDH10S120 INFINEON-IDH10S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH15S120 INFINEON-IDH15S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH05S120 INFINEON-IDH05S120 Datasheet
241Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH12S60C INFINEON-IDH12S60C Datasheet
250Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDH16S60C INFINEON-IDH16S60C Datasheet
238Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDT02S60C INFINEON-IDT02S60C Datasheet
297Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2007-04-25
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com