Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI15N65C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPI15N65C3
Description  CoolMOSTM Power Transistor Features Extreme dv/dt rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI15N65C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPI15N65C3 Datasheet HTML 1Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 2Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPI15N65C3
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1600
-
pF
Output capacitance
C oss
-
540
-
Effective output capacitance, energy
related
5)
C o(er)
-67-
Effective output capacitance, time
related
6)
C o(tr)
-
120
-
Turn-on delay time
t d(on)
-32-
ns
Rise time
t r
-14-
Turn-off delay time
t d(off)
-70-
Fall time
t f
-11-
Gate Charge Characteristics
Gate to source charge
Q gs
-9
-
nC
Gate to drain charge
Q gd
-29-
Gate charge total
Q g
-63
Gate plateau voltage
V plateau
-
5.4
-
V
Reverse Diode
Diode forward voltage
V SD
V GS=0 V, I F=15 A,
T j=25 °C
-
1.0
1.2
V
Reverse recovery time
t rr
-
420
-
ns
Reverse recovery charge
Q rr
-8
-
µC
Peak reverse recovery current
I rrm
-32-
A
1) J-STD20 and JESD22
2) Limited only by maximum temperature.
3) Pulse width t
p limited by T j,max
V R=480 V, I F=I S,
di F/dt =100 A/µs
5) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
6) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
4) Repetitive avalanche causes additional power losses that can be calculated asP
AV=E AR*f.
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=400 V,
V GS=10 V, I D=15 A,
R G=6.8 Ω
V DD=480 V, I D=15 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
Rev. 2.0
page 3
2007-09-10


Similar Part No. - SPI15N65C3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPI15N65C3 ISC-SPI15N65C3 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPI15N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA08N80C3 INFINEON-SPA08N80C3_09 Datasheet
338Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 3.0 2009-12-22
IPW50R350CP INFINEON-IPW50R350CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features Ultra low gate charge Extreme dv/dt rated
Rev. 2.0 2007-11-07
SPP24N60CFD INFINEON-SPP24N60CFD Datasheet
338Kb / 12P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 1.2 2007-08-28
IPW50R299CP INFINEON-IPW50R299CP Datasheet
536Kb / 11P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 2.0 2007-11-07
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
SPW17N80C3 INFINEON-SPW17N80C3_08 Datasheet
683Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 2.9 2008-10-15
logo
International Rectifier
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFU010 IRF-IRFU010 Datasheet
275Kb / 8P
   AVALANCHE AND dv/dt RATED
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com