Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QD4CSC Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MC9S08QD4CSC
Description  HCS08 Microcontrollers
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QD4CSC Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MC9S08QD4CSC Datasheet HTML 43Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 44Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 45Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 46Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 47Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 48Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 49Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 50Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
47
4.7.3
Flash Configuration Register (FCNFG)
4.7.4
Flash Protection Register (FPROT and NVPROT)
During reset, the contents of the nonvolatile location NVPROT is copied from flash into FPROT. This
register can be read at any time, but user program writes have no meaning or effect.
76
54
321
0
R0
0
KEYACC
00
000
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 4-7. Flash Configuration Register (FCNFG)
Table 4-10. FCNFG Register Field Descriptions
Field
Description
5
KEYACC
Enable Writing of Access Key — This bit enables writing of the backdoor comparison key. For more detailed
information about the backdoor key mechanism, refer to Section 4.6, “Security.”
0 Writes to 0xFFB0–0xFFB7 are interpreted as the start of a flash programming or erase command.
1 Writes to NVBACKKEY (0xFFB0–0xFFB7) are interpreted as comparison key writes.
76
54
321
0
R
FPS(1)
FPDIS(1)
W
Reset
This register is loaded from nonvolatile location NVPROT during reset.
1 Background commands can be used to change the contents of these bits in FPROT.
Figure 4-8. Flash Protection Register (FPROT)
Table 4-11. FPROT Register Field Descriptions
Field
Description
7:1
FPS
Flash Protect Select Bits — When FPDIS = 0, this 7-bit field determines the ending address of unprotected
flash locations at the high address end of the flash. Protected flash locations cannot be erased or programmed.
0
FPDIS
Flash Protection Disable
0 Flash block specified by FPS7:FPS1 is block protected (program and erase not allowed).
1 No flash block is protected.


Similar Part No. - MC9S08QD4CSC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QD4CSC FREESCALE-MC9S08QD4CSC Datasheet
951Kb / 196P
   Microcontrollers
MC9S08QD4CSC FREESCALE-MC9S08QD4CSC Datasheet
2Mb / 202P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QD4CSC FREESCALE-MC9S08QD4CSC Datasheet
2Mb / 202P
   Microcontrollers
More results

Similar Description - MC9S08QD4CSC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com