Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA043002E Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFA043002E
Description  Thermally-Enhanced High Power RF LDMOS FET 300 W, 470 ??860 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA043002E Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFA043002E Datasheet HTML 2Page - Infineon Technologies AG PTFA043002E Datasheet HTML 3Page - Infineon Technologies AG PTFA043002E Datasheet HTML 4Page - Infineon Technologies AG PTFA043002E Datasheet HTML 5Page - Infineon Technologies AG PTFA043002E Datasheet HTML 6Page - Infineon Technologies AG PTFA043002E Datasheet HTML 7Page - Infineon Technologies AG PTFA043002E Datasheet HTML 8Page - Infineon Technologies AG PTFA043002E Datasheet HTML 9Page - Infineon Technologies AG PTFA043002E Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Data Sheet
10 of 10
Rev. 03.1, 2009-02-20
PTFA043002E
Confidential, Limited Internal Distribution
Revision History:
2009-02-20
Data Sheet
Previous Version:
2005-11-18, Data Sheet
Page
Subjects (major changes since last revision)
6
Revise circuit board information.
1, 2, 9
Update package designation.
8
Fixed typing error
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
highpowerRF@infineon.com
To request other information, contact us at:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International
GOLDMOS®
is a registered trademark of Infineon Technologies AG.
Edition 2009-02-20
Published by
InfineonTechnologies AG
81726 Munich, Germany
© 2009 InfineonTechnologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or
characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any
information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties
and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of
any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in
question, please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written
approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of
that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices
or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect
human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


Similar Part No. - PTFA043002E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501F INFINEON-PTFA041501F Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
PTFA041501GL INFINEON-PTFA041501GL Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
More results

Similar Description - PTFA043002E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTVA043502EC INFINEON-PTVA043502EC Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 ??860 MHz
Rev. 02.2, 2017-02-09
logo
Cree, Inc
PTVA043502EC CREE-PTVA043502EC Datasheet
489Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 - 860 MHz
logo
Infineon Technologies A...
PTVA042502EFC INFINEON-PTVA042502EFC_16 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 250 W, 50 V, 470 ??806 MHz
Rev. 03.1, 2016-04-19
logo
Cree, Inc
PTVA047002EV CREE-PTVA047002EV Datasheet
449Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 ??806 MHz
logo
WOLFSPEED, INC.
PTVA047002EV WOLFSPEED-PTVA047002EV Datasheet
423Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
Rev. 05, 2018-08-20
logo
Infineon Technologies A...
PTVA093002TC INFINEON-PTVA093002TC Datasheet
210Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA142401EL INFINEON-PTFA142401EL Datasheet
449Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1450 ??1500 MHz
Rev. 04, 2009-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com