Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF180101M Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTF180101M
Description  High Power RF LDMOS Field Effect Transistor 10 W, 1.0 ??2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF180101M Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTF180101M Datasheet HTML 1Page - Infineon Technologies AG PTF180101M Datasheet HTML 2Page - Infineon Technologies AG PTF180101M Datasheet HTML 3Page - Infineon Technologies AG PTF180101M Datasheet HTML 4Page - Infineon Technologies AG PTF180101M Datasheet HTML 5Page - Infineon Technologies AG PTF180101M Datasheet HTML 6Page - Infineon Technologies AG PTF180101M Datasheet HTML 7Page - Infineon Technologies AG PTF180101M Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PTF180101M
Data Sheet
5 of 8
Rev. 05.1, 2009-02-18
Reference Circuit
Reference circuit schematic for ƒ = 1990 MHz
Circuit Assembly Information
DUT
PTF180101M
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
εr = 4.5
Rogers RO4320
2 oz. copper
Microstrip
Electrical Characteristics at 1990 MHz1
Dimensions: L x W (mm)
Dimensions: L x W (in.)
l1
0.059
λ, 50.0 Ω
5.69 x 1.60
0.224 x 0.063
l2
0.093
λ, 50.0 Ω
8.48 x 1.60
0.334 x 0.063
l3
0.016
λ, 50.0 Ω
1.09 x 1.60
0.043 x 0.063
l4
0.129
λ, 9.6 Ω
10.77 x 14.22
0.424 x 0.560
l5
0.026
λ, 9.6 Ω
2.13 x 14.22
0.084 x 0.560
l6
0.153
λ, 78.0 Ω
14.48 x 0.71
0.570 x 0.028
l7
0.194
λ, 78.0 Ω
18.39 x 0.71
0.724 x 0.028
l8
0.014
λ, 12.9 Ω
1.27 x 10.16
0.050 x 0.400
l9
0.236
λ, 12.9 Ω
19.91 x 10.16
0.784 x 0.400
l10
0.187
λ, 66.0 Ω
17.40 x 0.99
0.685 x 0.039
l11
0.077
λ, 50.0 Ω
6.99 x 1.60
0.275 x 0.063
1Electrical characteristics are rounded.
+
RF_IN
RF_OUT
R3
2KV
R4
C3
0.001µF
C2
0.001µF
BCP56
R2
1.3K V
R1
LM7805
C1
0.001µF
QQ1
Q1
R5
10V
2KV
1.2K V
l1
l10
220V
R8
DUT
C9
10pF
C6
C5
R6
10µF
35V
C4
R7
10µF
35V
C7
10pF
C8
C10
1K V
10V
10pF
4.7pF
4.7pF
C12
C11
C18
L1
C13
10pF
10µF
50V
C14
C15
10pF
C17
10µF
50V
VDD
10pF
0.9pF
0.1µF
l2
l3
l4
l5
W1
½ TURN
l6
l7
l8
l11
l9
0.1µF
C16
R9
1V
VDD
+
+
+
180101m_sch


Similar Part No. - PTF180101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTF180101S INFINEON-PTF180101S Datasheet
310Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
More results

Similar Description - PTF180101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTFB201402FC INFINEON-PTFB201402FC Datasheet
841Kb / 14P
   High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
   High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PTFB183408SV INFINEON-PTFB183408SV Datasheet
248Kb / 15P
   High Power RF LDMOS Field Effect Transistor
Rev. 03, 2014-03-07
PXAC243502FV INFINEON-PXAC243502FV_15 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2015-04-13
logo
Cree, Inc
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
logo
Infineon Technologies A...
PTFC270101M INFINEON-PTFC270101M_16 Datasheet
410Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
logo
WOLFSPEED, INC.
PTFC270101M WOLFSPEED-PTFC270101M Datasheet
933Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
Rev. 07, 2023-06-28
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com