Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP35R12W2T4 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # FP35R12W2T4
Description  EasyPIM??module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP35R12W2T4 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button FP35R12W2T4 Datasheet HTML 4Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 5Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 6Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 7Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 8Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 9Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 10Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 11Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Technische Information / technical information
FP35R12W2T4
IGBT-Module
IGBT-modules
prepared by: DK
approved by: MB
date of publication: 2009-10-19
revision: 2.2
Vorläufige Daten
preliminary data
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
EØþÊ = f (IŒ)
EØþÊ = f (IŒ)
EØþÊ = f (IŒ)
EØþÊ = f (IŒ)
R•ÓÒ = 12 Â, V†Š = 600 V
R•ÓÒ = 12 Â, V†Š = 600 V
R•ÓÒ = 12 Â, V†Š = 600 V
R•ÓÒ = 12 Â, V†Š = 600 V
IΠ[A]
0
10
20
30
40
50
60
70
0,0
1,0
2,0
3,0
4,0
5,0
EØþÊ, TÝÎ = 125°C
EØþÊ, TÝÎ = 150°C
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
EØþÊ = f (R•)
EØþÊ = f (R•)
EØþÊ = f (R•)
EØþÊ = f (R•)
IŒ = 35 A, V†Š = 600 V
IŒ = 35 A, V†Š = 600 V
IŒ = 35 A, V†Š = 600 V
IŒ = 35 A, V†Š = 600 V
R• [Â]
0
20
40
60
80
100
120
140
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
EØþÊ, TÝÎ = 125°C
EØþÊ, TÝÎ = 150°C
Transienter Wärmewiderstand Diode-Wechselr.
Transienter Wärmewiderstand Diode-Wechselr.
Transienter Wärmewiderstand Diode-Wechselr.
Transienter Wärmewiderstand Diode-Wechselr.
transient thermal impedance diode-inverter
transient thermal impedance diode-inverter
transient thermal impedance diode-inverter
transient thermal impedance diode-inverter
ZÚÌœ™ = f (t)
ZÚÌœ™ = f (t)
ZÚÌœ™ = f (t)
ZÚÌœ™ = f (t)
t [s]
0,001
0,01
0,1
1
10
0,1
1
10
ZÚÌœ™ : Diode
i:
rÍ[K/W]:
Í[s]:
1
0,104
0,0005
2
0,237
0,005
3
0,636
0,05
4
0,573
0,2
τ
Durchlasskennlinie der Diode-Gleichrichter (typisch)
Durchlasskennlinie der Diode-Gleichrichter (typisch)
Durchlasskennlinie der Diode-Gleichrichter (typisch)
Durchlasskennlinie der Diode-Gleichrichter (typisch)
forward characteristic of diode-rectifier (typical)
forward characteristic of diode-rectifier (typical)
forward characteristic of diode-rectifier (typical)
forward characteristic of diode-rectifier (typical)
IŒ = f (VŒ)
IŒ = f (VŒ)
IŒ = f (VŒ)
IŒ = f (VŒ)
VΠ[V]
0,2
0,4
0,6
0,8
1,0
1,2
1,4
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
TÝÎ = 25°C
TÝÎ = 150°C


Similar Part No. - FP35R12W2T4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP35R12W2T4 INFINEON-FP35R12W2T4 Datasheet
1Mb / 12P
   EasyPIM Modul mit schnellem Trench
2013-10-03 revision:2.2
FP35R12W2T4P INFINEON-FP35R12W2T4P Datasheet
799Kb / 12P
   EasyPIM™ module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC / pre-applied Thermal Interface Material
V 3.0 2017-05-03
FP35R12W2T4P_B11 INFINEON-FP35R12W2T4P_B11 Datasheet
814Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-03
FP35R12W2T4 INFINEON-FP35R12W2T4_13 Datasheet
1Mb / 12P
   EasyPIM Modul mit schnellem Trench
2013-10-03 revision:2.2
FP35R12W2T4_B11 INFINEON-FP35R12W2T4_B11 Datasheet
461Kb / 11P
   EasyPIM2B module PressFIT with Trench/Fieldstop IGBT4 and Emitter Controlled 4 Diode
2008-06-25 revision:2.0
More results

Similar Description - FP35R12W2T4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FP15R12W1T4 INFINEON-FP15R12W1T4 Datasheet
504Kb / 12P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 revision:2.2
FP15R12W1T4_B3 INFINEON-FP15R12W1T4_B3 Datasheet
572Kb / 10P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.3
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11 Datasheet
601Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FP50R12KT4G INFINEON-FP50R12KT4G Datasheet
592Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-29 revision:3.0
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11 Datasheet
602Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com