Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA082201E Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFA082201E
Description  Thermally-Enhanced High Power RF LDMOS FETs 220 W, 869 ??894 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA082201E Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFA082201E_09 Datasheet HTML 2Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 3Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 4Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 5Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 6Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 7Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 8Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 9Page - Infineon Technologies AG PTFA082201E_09 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet
6 of 10
Rev. 04.1, 2009-02-20
PTFA082201E
PTFA082201F
Confidential, Limited Internal Distribution
RF_OUT
RF_IN
R3
2K V
C3
0.001µF
C2
0.001µF
Q1
BCP56
R2
1.3K V
QQ1
LM7805
C1
0.001µF
VDD
R5
10 V
R4
2K V
R1
1.2K V
C8
33pF
l
6
l
7
l
8
R8
10 V
DUT
C5
0.1µF
C4
10µF
35V
C7
33pF
R7
5.1KV
R6
5.1K V
l
1
C9
3.9pF
L1
C11
33pF
C13
10µF
50V
C12
1µF
C16
10µF
50V
C24
3.3pF
C25
33pF
l
2
l
3
l
4
l
5
C10
8.2pF
C14
100µF
50V
C15
0.1µF
l
9
l
10
l
11
l
12
l
13
C23
3.3pF
C17
33pF
C19
10µF
50V
C18
1µF
C22
10µF
50V
C20
100µF
50V
C21
0.1µF
L2
VDD
C6
1µF
a082201ef_bd_12-14-07
Reference Circuit
Reference circuit schematic for ƒ = 894 MHz
Circuit Assembly Information
DUT
PTFA082201E or PTFA082201F
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
εr = 3.48
Rogers RO4350
1 oz. copper
Microstrip
Electrical Characteristics at 894 MHz1
Dimensions: L x W ( mm) Dimensions: L x W (in.)
l1
0.065
λ, 50.0 Ω
13.13 x 1.60
0.517 x 0.063
l2
0.049
λ, 38.0 Ω
9.78 x 2.54
0.385 x 0.100
l3
0.024
λ, 38.0 Ω
4.83 x 2.54
0.190 x 0.100
l4
0.083
λ, 7.8 Ω
15.44 x 17.83
0.608 x 0.702
l5
0.027
λ, 7.8 Ω
4.95 x 17.83
0.195 x 0.702
l6
0.190
λ, 78.0 Ω
40.64 x 0.74
1.600 x 0.029
l7, l8
0.183
λ, 60.0 Ω
37.54 x 1.24
1.478 x 0.049
l9
0.095
λ, 8.4 Ω
17.68 x 16.48
0.696 x 0.649
l10 (taper)
0.031
λ, 8.4 Ω / 11.2 Ω
5.94 x 16.48 / 11.91
0.234 x 0.649 / 0.469
l11 (taper)
0.077
λ, 11.2 Ω / 37.0 Ω
14.53 x 11.91 / 2.64
0.572 x 0.469 / 0.104
l12
0.025
λ, 37.0 Ω
4.98 x 2.64
0.196 x 0.104
l13
0.028
λ, 50.0 Ω
5.74 x 1.60
0.226 x 0.063
1Electrical characteristics are rounded.


Similar Part No. - PTFA082201E_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA080551E INFINEON-PTFA080551E Datasheet
233Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22
PTFA080551E INFINEON-PTFA080551E Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA080551EV4R0 INFINEON-PTFA080551EV4R0 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA080551EV4R0XTMA1 INFINEON-PTFA080551EV4R0XTMA1 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
More results

Similar Description - PTFA082201E_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF081301E INFINEON-PTF081301E Datasheet
289Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 869 - 960 MHz
Rev. 03, 2005-05-02
PTFA080551E INFINEON-PTFA080551E Datasheet
233Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
PTFA092213EL INFINEON-PTFA092213EL Datasheet
671Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920-960 MHz
Rev. 04, 2010-11-04
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com