Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLE4251 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. TLE4251
Description  Low Drop Voltage Tracker 400 mA output current capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4251 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4251_07 Datasheet HTML 2Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 3Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 4Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4251_07 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
6
Rev. 2.9, 2007-03-20
TLE 4251
Table 4
Electrical Characteristics
V
I = 13.5 V; 2.5 V ≤ VADJ VI - 0.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output
Output voltage tracking
accuracy
ΔV
Q = VADJ - VQ
ΔV
Q
-10
10
mV
V
I < 13.5 V;
-40
°C < T
j < 125 °C;
1 mA <
I
Q < 300 mA
Output voltage tracking
accuracy
ΔV
Q
-10
10
mV
6 V <
V
I < 40 V;
5 mA <
I
Q < 200 mA
Output voltage tracking
accuracy
ΔV
Q
-25
25
mV
6 V <
V
I < 28 V;
1 mA <
I
Q < 300 mA
Drop voltage
V
dr
280
520
mV
I
Q = 300 mA;
V
ADJ > 4 V;
Enable ON
1)
Output current
I
Q
400
450
800
mA
T
j ≤ 125 °C
1)
Output capacitor
C
Q
22
μFESR ≤ 3 Ω at 10 kHz
Current consumption
I
q = II - IQ
I
q
–10
20
mA
I
Q = 300 mA
Current consumption
I
q = II - IQ
I
q
230
300
μA
I
Q < 1 mA; Tj < 85 °C;
V
EN in ON state
Quiescent current
(stand-by)
I
q = II - IQ
I
q
–02
μA
V
EN = 0 V; Tj < 85 °C
Regulator Performance
Load regulation
ΔV
Q
-35
±535mV
5 mA <
I
Q < 300 mA;
V
I = 6 V; VADJ = 5 V
Line regulation
ΔV
Q
-25
±10
25
mV
12 V <
V
I < 32 V;
I
Q = 5 mA
Power Supply Ripple
Rejection
PSRR
60
dB
f
r = 100 Hz;
V
r = 0.5 Vpp;
V
ADJ = 5 V;
C
Q = 22 μF Tantalum
Adjust Input
Input biasing current
I
ADJ
–0.1
0.5
μA
V
ADJ = 5 V


Similar Part No. - TLE4251_07

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE4251D INFINEON-TLE4251D Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLE4251G INFINEON-TLE4251G Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
More results

Similar Description - TLE4251_07

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
   Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
Rohm
Rohm
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
ON Semiconductor
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz