Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA210701F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFA210701F
Description  Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA210701F Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFA210701F Datasheet HTML 1Page - Infineon Technologies AG PTFA210701F Datasheet HTML 2Page - Infineon Technologies AG PTFA210701F Datasheet HTML 3Page - Infineon Technologies AG PTFA210701F Datasheet HTML 4Page - Infineon Technologies AG PTFA210701F Datasheet HTML 5Page - Infineon Technologies AG PTFA210701F Datasheet HTML 6Page - Infineon Technologies AG PTFA210701F Datasheet HTML 7Page - Infineon Technologies AG PTFA210701F Datasheet HTML 8Page - Infineon Technologies AG PTFA210701F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
3 of 10
Rev. 02.1, 2009-02-18
PTFA210701E
PTFA210701F
Confidential, Limited Internal Distribution
Broadband Performance
VDD = 30 V, IDQ = 550 mA, POUT = 42.5 dBm
10
15
20
25
30
35
2070 2090 2110 2130 2150 2170 2190 2210
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
5
10
Gain
Efficiency
Return Loss
Two-tone Drive-up at Optimum IDQ
VDD = 30 V, IDQ = 550 mA,
ƒ = 2140 MHz, tone spacing = 1 MHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
35
37
39
41
43
45
47
49
Output Power, PEP (dBm)
5
10
15
20
25
30
35
40
45
IM5
Efficiency
IM7
IM3
Typical Performance (data taken in a production test fixture)
Power Sweep, CW Conditions
VDD = 30 V, IDQ = 550 mA, ƒ = 2170 MHz
13
14
15
16
17
18
0
20
40
60
80
100
Output Power (W)
10
20
30
40
50
60
Gain
Efficiency
TCASE = 25°C
TCASE = 90°C
Two-carrier WCDMA at Selected Biases
VDD = 30 V, ƒ = 2140 MHz, 3GPP WCDMA signal,
P/AR = 8 dB, 10 MHz carrier spacing, series show IDQ
-60
-55
-50
-45
-40
-35
-30
30
32
34
36
38
40
42
44
Average Output Power (dBm)
500 mA
550 mA
450 mA
650 mA
600 mA


Similar Part No. - PTFA210701F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA210451E INFINEON-PTFA210451E Datasheet
263Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 45 W, 2010 ??2025 MHz and 2110 ??2170 MHz
Rev. 06, 2008-02-13
logo
celduc-relais
PTFA2105 CELDUC-PTFA2105 Datasheet
333Kb / 2P
   Vertical level sensor
logo
Infineon Technologies A...
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA210601F INFINEON-PTFA210601F Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
More results

Similar Description - PTFA210701F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA211001E INFINEON-PTFA211001E Datasheet
223Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
PTFB213208FV INFINEON-PTFB213208FV Datasheet
221Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2012-07-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com