Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA210452FL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTMA210452FL
Description  Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA210452FL Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTMA210452FL Datasheet HTML 1Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 2Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 3Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 4Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 5Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 6Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 7Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 8Page - Infineon Technologies AG PTMA210452FL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PTMA210452EL
PTMA210452FL
Confidential, Limited Internal Distribution
Data Sheet
1 of 11
Rev. 06, 2009-09-01
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PTMA210452EL
Package H-33265-8
PTMA210452FL
Package H-34265-8
Broadband Performance
VDD = 28 V, IDQ1 = 200 mA, IDQ1 = 400 mA,
fixture tuned for 2110 – 2140 MHz
0
5
10
15
20
25
30
35
1700 1800 1900 2000 2100 2200 2300 2400 2500
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
Gain
Return Loss
Description
The PTMA210452EL and PTMA210452FL are wideband, 45-watt,
2-stage, LDMOS integrated amplifiers intended for use in all typical
modulation formats from 1900 to 2200 MHz. These devices are offered
in thermally-enhanced ceramic packages with solder-friendly plating
for cool and reliable operation.
Wideband RF LDMOS Integrated Power Amplifier
45 W, 1900 – 2200 MHz
Features
• Designed for wide RF and modulation bandwidths
and low memory effects
• Typical two-carrier WCDMA performance at
2140 MHz, 28 V
- Average output power = 3.2 W
- Linear Gain = 28 dB
- Efficiency = 10.5%
- IMD3 = –47 dBc
• Typical two-tone performance, 2140 MHz, 28 V
- Output power (PEP) = 45 W at IM3 = –30 dBc
- Efficiency = 32%
• Capable of handling 10:1 VSWR @ 28 V, 45 W
(CW) output power
• Integrated ESD protection. Meets HBM Class 1B
(minimum), per JESD22-A114F
• Thermally-enhanced packages, Pb-free and
RoHS compliant, with solder-friendly plating
*See Infineon distributor for future availability.
RF Characteristics
Two-carrierWCDMA Measurements (tested in Infineon test fixture)
VDD = 28 V, IDQ1 = 200 mA (tuned for linearity), IDQ2 = 450 mA (tuned for linearity & efficiency), POUT = 3.2 W average,
ƒ1 = 2135 MHz, ƒ2 = 2145 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Input Return Loss
IRL
–16
–10
dB
Gain
Gps
26.5
28
dB
Drain Efficiency
ηD
9
10.5
%
Intermodulation Distortion, 2-channel WCDMA
IMD
–43
–47
dBc


Similar Part No. - PTMA210452FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
More results

Similar Description - PTMA210452FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
logo
Cree, Inc
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M Datasheet
197Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
logo
Cree, Inc
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
   Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
   Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com