Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA210452EL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTMA210452EL
Description  Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA210452EL Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTMA210452EL Datasheet HTML 2Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 3Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 4Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 5Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 6Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 7Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 8Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 9Page - Infineon Technologies AG PTMA210452EL Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6 of 11
Rev. 06, 2009-09-01
PTMA210452EL
PTMA210452FL
Confidential, Limited Internal Distribution
Reference Circuit — for evaluation only
Reference circuit schematic for ƒ = 2140 MHz
Circuit Assembly Information
DUT
PTMA210452EL or PTMA210452FL
LDMOS IC
PCB
0.76 mm [.030"] thick,
εr = 3.48
Rogers RO4350
1 oz. copper
Microstrip
Electrical Characteristics at 2140 MHz
Dimensions: L x W (mm)
Dimensions: L x W (in.)
l1
0.129
λ, 49.7 Ω
11.00 x 1.70
0.433 x 0.067
l2
0.114
λ, 49.7 Ω
9.68 x 1.70
0.381 x 0.067
l3
0.040
λ, 10.4 Ω
3.10 x 13.00
0.122 x 0.512
l4
0.013
λ, 10.4 Ω
1.02 x 13.00
0.039 x 0.512
l5
0.024
λ, 34.1 Ω
2.01 x 3.00
0.079 x 0.118
l6
0.066
λ, 34.1 Ω
5.46 x 3.00
0.215 x 0.118
l7
0.162
λ, 43.4 Ω
13.67 x 2.11
0.538 x 0.083
l8
0.004
λ, 49.7 Ω
0.38 x 1.70
0.015 x 0.067
l9
0.050
λ, 49.7 Ω
4.24 x 1.70
0.167 x 0.067
l10, l11
0.128
λ, 61.2 Ω
11.00 x 1.19
0.433 x 0.047
C20
12pF
0.1µF
VD2
PTMA210452EL
PTMA210452FL
RF_IN
C2
10µF
C3
1µF
C5
12pF
C22
10µF
C21
1µF
C23
100µF
50V
C26
1µF
C27
10µF
C28
100µF
50V
DUT
1
2
3
5
6
7
4
8
C31
3pF
l
3
l
4
l
11
VG1
C6
10µF
C7
1µF
C8
0.1µF
C9
12pF
C10
10µF
C11
1µF
C12
0.1µF
12pF
G2
V
VD1
C1
100µF
50V
a210452e fl_bd_7 -31 -08
C4
0.1µF
C29
1.1pF
C13
C24
12pF
RF_OUT
C32
12pF
l
9
C30
1.8pF
l
5
l
7
l
l
6
C25
0.1µF
C19
8
l
10
l
2
l
1


Similar Part No. - PTMA210452EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
More results

Similar Description - PTMA210452EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
logo
Cree, Inc
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M Datasheet
197Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
logo
Cree, Inc
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
   Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
   Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com