Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA212001E Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFA212001E
Description  Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA212001E Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFA212001E Datasheet HTML 3Page - Infineon Technologies AG PTFA212001E Datasheet HTML 4Page - Infineon Technologies AG PTFA212001E Datasheet HTML 5Page - Infineon Technologies AG PTFA212001E Datasheet HTML 6Page - Infineon Technologies AG PTFA212001E Datasheet HTML 7Page - Infineon Technologies AG PTFA212001E Datasheet HTML 8Page - Infineon Technologies AG PTFA212001E Datasheet HTML 9Page - Infineon Technologies AG PTFA212001E Datasheet HTML 10Page - Infineon Technologies AG PTFA212001E Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
7 of 11
Rev. 05.1, 2009-02-24
PTFA212001E
PTFA212001F
Confidential, Limited Internal Distribution
RF_OUT
RF_IN
C3
0.001µF
C2
0.001µF
Q1
BCP56
R2
1.3K V
QQ1
LM7805
0.001µF
VDD
R1
1.2K V
R3
2K V
R8
2K V
R5
2K V
l8
DUT
C4
4.7µF
16V
C5
0.1µF
R6
5.1K V
C6
7.5pF
C8
0.2pF
l2
l3
l4
l7
l5
l9
C10
4.7µF
16V
C11
0.1µF
C12
7.5pF
R7
5.1K V
C9
0.9pF
l6
l1
C7
8.2pF
C26
0.4pF
C25
0.4pF
C29
8.2pF
C19
8.2pF
C21
1µF
C20
2.2µF
C24
10µF
50V
C23
0.1µF
L2
C28
0.5pF
C27
0.5pF
C13
8.2pF
C15
1µF
C14
2.2µF
C18
10µF
50V
C17
0.1µF
l12
l13
l14
l15
l16
l17
l10
l11
VDD
L1
C1
C16
1µF
C22
1µF
Reference Circuit
Reference circuit schematic for ƒ = 2140 MHz
Circuit Assembly Information
DUT
PTFA212001E or PTFA212001F
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
εr = 3.48
Rogers
RO4350
1 oz. copper
Microstrip
Electrical Characteristics at 2140 MHz1 Dimensions: L x W (mm)
Dimensions: L x W (in.)
l1
0.042
λ, 50.0 Ω
3.56 x 1.68
0.140 x 0.066
l2
0.048
λ, 50.0 Ω
4.11 x 1.68
0.162 x 0.066
l3
0.026
λ, 50.0 Ω
2.08 x 1.68
0.082 x 0.066
l4
0.059
λ, 50.0 Ω
5.03 x 1.68
0.198 x 0.066
l5 (taper)
0.062
λ, 50.0 Ω / 6.9 Ω
5.00 x 1.68 / 20.32
0.197 x 0.066 / 0.800
l6
0.015
λ, 6.9 Ω
1.14 x 20.32
0.045 x 0.800
l7
0.028
λ, 6.9 Ω
2.16 x 20.32
0.085 x 0.800
l8, l9
0.136
λ, 60.0 Ω
11.63 x 1.27
0.458 x 0.050
l10, l11
0.254
λ, 51.2 Ω
21.51 x 1.65
0.847 x 0.065
l12
0.071
λ, 5.0 Ω
5.49 x 28.83
0.216 x 1.135
l13 (taper)
0.019
λ, 5.0 Ω / 6.8 Ω
1.52 x 28.83 / 20.62
0.060 x 1.135 / 0.812
l14 (taper)
0.026
λ, 6.8 Ω / 13.5 Ω
2.11 x 20.62 / 9.65
0.083 x 0.812 / 0.380
l15 (taper)
0.026
λ, 13.5 Ω / 40.9 Ω
2.06 x 9.65 / 2.34
0.081 x 0.380 / 0.092
l16
0.029
λ, 40.9 Ω
2.77 x 2.34
0.109 x 0.092
l17
0.107
λ, 50.0 Ω
9.04 x 1.68
0.356 x 0.066
1Electrical characteristics are rounded.


Similar Part No. - PTFA212001E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
More results

Similar Description - PTFA212001E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com