Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB08CN10NG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB08CN10NG
Description  OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB08CN10NG Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB08CN10NG Datasheet HTML 1Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 2Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 3Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 4Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 5Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 6Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 7Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 8Page - Infineon Technologies AG IPB08CN10NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPB08CN10N G
IPI08CN10N G IPP08CN10N G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
4.5 V
5 V
5.5 V
6 V
10 V
0
5
10
15
20
0
50
100
150
I D [A]
25 °C
175 °C
0
50
100
150
200
02
46
8
V GS [V]
0
20
40
60
80
100
120
140
160
0
40
80
120
160
I D [A]
4.5 V
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
50
100
150
200
250
300
350
012
345
V DS [V]
Rev. 1.08
page 5
2010-04-26


Similar Part No. - IPB08CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB08CN10NG INFINEON-IPB08CN10NG Datasheet
527Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.02 2006-06-02
More results

Similar Description - IPB08CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N15N3 INFINEON-IPB200N15N3 Datasheet
556Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.05 2010-04-28
IPB072N15N3G INFINEON-IPB072N15N3G Datasheet
424Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.06 2010-04-19
IPP086N10N3G INFINEON-IPP086N10N3G Datasheet
480Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.5 2010-07-16
IPB107N20N3G INFINEON-IPB107N20N3G Datasheet
452Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-21
IPP023NE7N3G INFINEON-IPP023NE7N3G Datasheet
466Kb / 10P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.11 2009-11-11
IPB108N15N3G INFINEON-IPB108N15N3G Datasheet
438Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.1 2009-12-01
IPP028N08N3G INFINEON-IPP028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
IPB600N25N3G INFINEON-IPB600N25N3G Datasheet
426Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-23
logo
Shanghai Leiditech Elec...
LMP0218G LEIDITECH-LMP0218G Datasheet
1Mb / 6P
   Excellent gate charge x RDS(on) product(FOM)
logo
Infineon Technologies A...
IPP16CN10N INFINEON-IPP16CN10N Datasheet
624Kb / 12P
   OptiMOS짰2 Power-Transistor Excellent gate charge x RDS(on) product (FOM)
Rev. 1.01 2006-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com