Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA041501HL Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFA041501HL
Description  Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA041501HL Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFA041501HL Datasheet HTML 1Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 2Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 3Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 4Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 5Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 6Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 7Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 8Page - Infineon Technologies AG PTFA041501HL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
5 of 11
Rev. 02, 2008-11-21
PTFA041501GL
PTFA041501HL
Confidential, Limited Internal Distribution
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Frequency
Z Source
Z Load
MHz
R
jX
R
jX
450
0.88
–3.20
1.33
0.22
455
0.84
–3.20
1.35
0.31
460
0.84
–3.10
1.40
0.38
465
0.84
–3.00
1.41
0.47
470
0.83
–2.90
1.44
0.57
0.1
450 MHz
470 MHz
Z Load
Z Source
450 MHz
470 MHz
See next page for circuit information
Z0 = 50 Ω


Similar Part No. - PTFA041501HL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501HL INFINEON-PTFA041501HL Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
More results

Similar Description - PTFA041501HL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTF041501E INFINEON-PTF041501E Datasheet
245Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 450 - 500 MHz
Rev. 04, 2007-08-01
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA081501E INFINEON-PTFA081501E Datasheet
258Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 864-900 MHz
Rev. 03, 2007-03-09
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com