Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA041501GL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFA041501GL
Description  Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA041501GL Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFA041501GL Datasheet HTML 1Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 2Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 3Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 4Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 5Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 6Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 7Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 8Page - Infineon Technologies AG PTFA041501GL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
3 of 11
Rev. 02, 2008-11-21
PTFA041501GL
PTFA041501HL
Confidential, Limited Internal Distribution
Power Sweep at selected IDQ
VDD = 28 V, ƒ = 470 MHz
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
39
41
43
45
47
49
51
53
55
Output Power (dBm)
IDQ = 1125 mA
IDQ = 900 mA
IDQ = 675 mA
Broadband Circuit Performance
VDD = 28 V, IDQ = 900 mA, P1dB
15
20
25
30
35
40
45
50
460
462
464
466
468
470
Frequency (MHz)
-20
-19
-18
-17
-16
-15
-14
-13
Gain
Efficiency
Return Loss
Typical Performance (data taken in a production )
Power Sweep, CW Conditions
VDD = 28 V, IDQ = 900 mA, ƒ = 470 MHz
15
16
17
18
19
20
21
22
39
41
43
45
47
49
51
53
55
Output Power (dBm)
10
20
30
40
50
60
70
80
Gain
Efficiency
TCASE = 25°C
TCASE = 90°C
POUT, Gain & Efficiency (at P-1dB) vs. Frequency
VDD = 28 V, IDQ = 900 mA, P–1dB
15
20
25
30
35
40
45
50
55
60
65
460
462
464
466
468
470
Frequency (MHz)
19.9
20
20.1
20.2
20.3
20.4
20.5
20.6
20.7
20.8
20.9
Gain
Efficiency
P–1dB


Similar Part No. - PTFA041501GL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
More results

Similar Description - PTFA041501GL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTF041501E INFINEON-PTF041501E Datasheet
245Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 450 - 500 MHz
Rev. 04, 2007-08-01
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA081501E INFINEON-PTFA081501E Datasheet
258Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 864-900 MHz
Rev. 03, 2007-03-09
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com