Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX324ASD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # LMX324ASD
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX324ASD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button LMX324ASD Datasheet HTML 4Page - Maxim Integrated Products LMX324ASD Datasheet HTML 5Page - Maxim Integrated Products LMX324ASD Datasheet HTML 6Page - Maxim Integrated Products LMX324ASD Datasheet HTML 7Page - Maxim Integrated Products LMX324ASD Datasheet HTML 8Page - Maxim Integrated Products LMX324ASD Datasheet HTML 9Page - Maxim Integrated Products LMX324ASD Datasheet HTML 10Page - Maxim Integrated Products LMX324ASD Datasheet HTML 11Page - Maxim Integrated Products LMX324ASD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
8
_______________________________________________________________________________________
Pin Description
Typical Operating Characteristics (continued)
(TA = +25°C, VEE = 0V, unless otherwise noted.)
PIN
LMX321
LMX358
LMX324
NAME
FUNCTION
1
IN+
Noninverting Amplifier Input
2
4
11
VEE
Negative Supply. Connect to ground for single-supply
operation.
3
IN-
Inverting Amplifier Input
4
OUT
Output
58
4
VCC
Positive Supply
1
1
OUT1
Output for Amplifier 1
2
2
IN1-
Inverting Input for Amplifier 1
3
3
IN1+
Noninverting Input for Amplifier 1
7
7
OUT2
Output for Amplifier 2
6
6
IN2-
Inverting Input for Amplifier 2
5
5
IN2+
Noninverting Input for Amplifier 2
8
OUT3
Output for Amplifier 3
9
IN3-
Inverting Input for Amplifier 3
10
IN3+
Noninverting Input for Amplifier 3
14
OUT4
Output for Amplifier 4
13
IN4-
Inverting Input for Amplifier 4
12
IN4+
Noninverting Input for Amplifier 4
-40
-10 5
20
-25
35 50
95
80
110
65
125
SHORT-CIRCUIT CURRENT
vs. TEMPERATURE (SINKING)
TEMPERATURE (°C)
0
5
15
10
30
35
25
20
40
VCC = 5V
VCC = 2.7V
-40
-10 5
20
-25
35 50
95
80
110
65
125
SHORT-CIRCUIT CURRENT
vs. TEMPERATURE (SOURCING)
TEMPERATURE (°C)
0
5
15
10
30
35
25
20
40
VCC = 5V
VCC = 2.7V
0.001
0.01
10
1
100
1000
100
10k
1k
100k
1M
10M
100M
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V TO 5V
AVCL = +1V/V


Similar Part No. - LMX324ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX324ASD MAXIM-LMX324ASD Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
More results

Similar Description - LMX324ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
   Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Texas Instruments
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com