Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP111N15N3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP111N15N3G
Description  OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP111N15N3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP111N15N3G Datasheet HTML 1Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 2Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 3Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 4Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 5Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 6Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 7Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 8Page - Infineon Technologies AG IPP111N15N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IPB108N15N3 G
IPP111N15N3 G
IPI111N15N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
3230
-
pF
Output capacitance
C oss
-
378
-
Reverse transfer capacitance
C rss
-7
-
Turn-on delay time
t d(on)
-17-
ns
Rise time
t r
-35-
Turn-off delay time
t d(off)
-32-
Fall time
t f
-9
-
Gate Charge Characteristics
4)
Gate to source charge
Q gs
-18-
nC
Gate to drain charge
Q gd
-7
-
Switching charge
Q sw
-16-
Gate charge total
Q g
-41
55
Gate plateau voltage
V plateau
-
5.7
-
V
Output charge
Q oss
V DD=75 V, V GS=0 V
-
106
141
nC
Reverse Diode
Diode continous forward current
I S
-
-
83
A
Diode pulse current
I S,pulse
-
-
332
Diode forward voltage
V SD
V GS=0 V, I F=83 A,
T j=25 °C
-
1
1.2
V
Reverse recovery time
t rr
-
132
-
ns
Reverse recovery charge
Q rr
-
415
-
nC
4) See figure 16 for gate charge parameter definition
5) Plotted values correspond to IPP11N15N3 G and IPI111N15N3 G. Corresponding values for
IPB108N15N3 G are 0.3mΩ lower
V R=75 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=75 V,
f
=1 MHz
V DD=75 V, V GS=10 V,
I D=83 A, R G=1.6 Ω
V DD=75 V, I D=83 A,
V GS=0 to 10 V
Rev. 2.1
page 3
2009-12-01


Similar Part No. - IPP111N15N3G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP111N15N3 ISC-IPP111N15N3 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP111N15N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB107N20N3G INFINEON-IPB107N20N3G Datasheet
452Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-21
IPP023NE7N3G INFINEON-IPP023NE7N3G Datasheet
466Kb / 10P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.11 2009-11-11
IPB600N25N3G INFINEON-IPB600N25N3G Datasheet
426Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-23
IPB08CN10NG INFINEON-IPB08CN10NG_10 Datasheet
413Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.08 2010-04-26
IPB200N15N3 INFINEON-IPB200N15N3 Datasheet
556Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.05 2010-04-28
IPB072N15N3G INFINEON-IPB072N15N3G Datasheet
424Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.06 2010-04-19
IPP086N10N3G INFINEON-IPP086N10N3G Datasheet
480Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.5 2010-07-16
IPP028N08N3G INFINEON-IPP028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
logo
Shanghai Leiditech Elec...
LMP0218G LEIDITECH-LMP0218G Datasheet
1Mb / 6P
   Excellent gate charge x RDS(on) product(FOM)
logo
Infineon Technologies A...
IPP16CN10N INFINEON-IPP16CN10N Datasheet
624Kb / 12P
   OptiMOS짰2 Power-Transistor Excellent gate charge x RDS(on) product (FOM)
Rev. 1.01 2006-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com