Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB108N15N3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPB108N15N3G
Description  OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB108N15N3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPB108N15N3G Datasheet HTML 1Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 2Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 3Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 4Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 5Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 6Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 7Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 8Page - Infineon Technologies AG IPB108N15N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IPB108N15N3 G
IPP111N15N3 G
IPI111N15N3 G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
0
10
-1
10
-2
t p [s]
0
40
80
120
160
200
240
0
50
100
150
200
T C [°C]
0
20
40
60
80
100
0
50
100
150
200
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
-1
10
3
10
2
10
1
10
0
10
-1
V DS [V]
Rev. 2.1
page 4
2009-12-01


Similar Part No. - IPB108N15N3G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB108N15N3G ISC-IPB108N15N3G Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPB108N15N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB107N20N3G INFINEON-IPB107N20N3G Datasheet
452Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-21
IPP023NE7N3G INFINEON-IPP023NE7N3G Datasheet
466Kb / 10P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.11 2009-11-11
IPB600N25N3G INFINEON-IPB600N25N3G Datasheet
426Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-23
IPB08CN10NG INFINEON-IPB08CN10NG_10 Datasheet
413Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.08 2010-04-26
IPB200N15N3 INFINEON-IPB200N15N3 Datasheet
556Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.05 2010-04-28
IPB072N15N3G INFINEON-IPB072N15N3G Datasheet
424Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.06 2010-04-19
IPP086N10N3G INFINEON-IPP086N10N3G Datasheet
480Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.5 2010-07-16
IPP028N08N3G INFINEON-IPP028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
logo
Shanghai Leiditech Elec...
LMP0218G LEIDITECH-LMP0218G Datasheet
1Mb / 6P
   Excellent gate charge x RDS(on) product(FOM)
logo
Infineon Technologies A...
IPP16CN10N INFINEON-IPP16CN10N Datasheet
624Kb / 12P
   OptiMOS짰2 Power-Transistor Excellent gate charge x RDS(on) product (FOM)
Rev. 1.01 2006-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com