Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRE3 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DRE3
Description  3.0A Reverse Blocking Thyristor?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DRE3 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DRE3 Datasheet HTML 1Page - Sanyo Semicon Device DRE3 Datasheet HTML 2Page - Sanyo Semicon Device DRE3 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - DRE3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRE120 CHINFA-DRE120 Datasheet
472Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-12A CHINFA-DRE120-12A Datasheet
472Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-12B CHINFA-DRE120-12B Datasheet
472Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-24A CHINFA-DRE120-24A Datasheet
472Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-24B CHINFA-DRE120-24B Datasheet
472Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRE3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DRD3 SANYO-DRD3 Datasheet
97Kb / 3P
   3.0A Reverse Blocking Thyristor
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
   5.0A Reverse Blocking Thyristor
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA88S SANKEN-TFA88S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA57S SANKEN-TFA57S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com