Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI100N08N3G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPI100N08N3G
Description  OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI100N08N3G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPI100N08N3G Datasheet HTML 1Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPI100N08N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPP100N08N3 G IPI100N08N3 G
IPB097N08N3 G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
4
8
12
16
20
0
40
80
120
160
200
240
280
I D [A]
25 °C
175 °C
0
30
60
90
120
150
180
024
68
V GS [V]
0
40
80
120
0
40
80
120
160
200
I D [A]
4.5 V
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
40
80
120
160
200
240
280
01
23
45
V DS [V]
Rev. 2.2
page 5
2010-01-21


Similar Part No. - IPI100N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI100N08N3G INFINEON-IPI100N08N3G Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
More results

Similar Description - IPI100N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB029N06N3G INFINEON-IPB029N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
IPB021N06N3G INFINEON-IPB021N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
IPA083N10N5 INFINEON-IPA083N10N5 Datasheet
1Mb / 11P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-18
IPP023N08N5 INFINEON-IPP023N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPP034N08N5 INFINEON-IPP034N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPA057N06N3G INFINEON-IPA057N06N3G Datasheet
551Kb / 9P
   Ideal for high frequency switching and sync. rec.
2010-05-03 revision:2.0
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ110N08NS5 INFINEON-BSZ110N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP027N08N5 INFINEON-IPP027N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com