Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2336DJPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2336DJPBF
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2336DJPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2336DJPBF Datasheet HTML 2Page - International Rectifier IRS2336DJPBF Datasheet HTML 3Page - International Rectifier IRS2336DJPBF Datasheet HTML 4Page - International Rectifier IRS2336DJPBF Datasheet HTML 5Page - International Rectifier IRS2336DJPBF Datasheet HTML 6Page - International Rectifier IRS2336DJPBF Datasheet HTML 7Page - International Rectifier IRS2336DJPBF Datasheet HTML 8Page - International Rectifier IRS2336DJPBF Datasheet HTML 9Page - International Rectifier IRS2336DJPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
IRS2336x(D) Family
www.irf.com
© 2009 International Rectifier
6
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSS unless otherwise stated in the table. The thermal resistance and
power dissipation ratings are measured under board mounted and still air conditions. Voltage clamps are included
between VCC & COM (25 V), VCC & VSS (20 V), and VB & VS (20 V).
Symbol
Definition
Min
Max
Units
VCC
Low side supply voltage
-0.3
20
IRS2336(D)
VSS-0.3
VSS+5.2
VIN
Logic input voltage (HIN, LIN, ITRIP, EN)
IRS23364D
VSS-0.3
VCC+0.3
VRCIN
RCIN input voltage
VSS-0.3
VCC+0.3
VB
High-side floating well supply voltage
-0.3
620
VS
High-side floating well supply return voltage
VB-20
VB+0.3
VHO
Floating gate drive output voltage
VS-0.3
VB+0.3
VLO
Low-side output voltage
COM-0.3
VCC+0.3
VFLT
Fault output voltage
VSS-0.3
VCC+0.3
COM
Power ground
VCC-25
VCC+0.3
V
dVS/dt
Allowable VS offset supply transient relative to VSS
50
V/ns
PWHIN
High-side input pulse width
500
ns
28-Lead PDIP
1.5
28-Lead
SOICW
1.6
44-Lead PLCC
2.0
PD
Package power dissipation @ TA ≤+25ºC
48-Lead
MLPQ7X7
2.0
W
28-Lead PDIP
83
28-Lead
SOICW
78
44-Lead PLCC
63
Rth
JA
Thermal resistance, junction to ambient
48-Lead
MLPQ7X7
63
ºC/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
ºC
All supplies are tested at 25 V. An internal 20 V clamp exists for each supply.


Similar Part No. - IRS2336DJPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336DJPBF IRF-IRS2336DJPBF Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336DJPBF INFINEON-IRS2336DJPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
More results

Similar Description - IRS2336DJPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
International Rectifier
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com