Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2336D Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2336D
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2336D Datasheet(HTML) 3 Page - International Rectifier

  IRS2336D Datasheet HTML 1Page - International Rectifier IRS2336D Datasheet HTML 2Page - International Rectifier IRS2336D Datasheet HTML 3Page - International Rectifier IRS2336D Datasheet HTML 4Page - International Rectifier IRS2336D Datasheet HTML 5Page - International Rectifier IRS2336D Datasheet HTML 6Page - International Rectifier IRS2336D Datasheet HTML 7Page - International Rectifier IRS2336D Datasheet HTML 8Page - International Rectifier IRS2336D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
IRS2336x(D) Family
www.irf.com
© 2009 International Rectifier
3
Description
The IRS2336xD are high voltage, high speed, power MOSFET and IGBT gate drivers with three high-side and
three low-side referenced output channels for 3-phase applications. This IC is designed to be used with low-cost
bootstrap power supplies; the bootstrap diode functionality has been integrated into this device to reduce the
component count and the PCB size.
Proprietary HVIC and latch immune CMOS technologies have been
implemented in a rugged monolithic structure. The floating logic input is compatible with standard CMOS or
LSTTL outputs (down to 3.3 V logic). A current trip function which terminates all six outputs can be derived from
an external current sense resistor. Enable functionality is available to terminate all six outputs simultaneously.
An open-drain FAULT signal is provided to indicate that a fault (e.g., over-current, over-temperature, or
undervoltage shutdown event) has occurred.
Fault conditions are cleared automatically after a delay
programmed externally via an RC network connected to the RCIN input. The output drivers feature a high-pulse
current buffer stage designed for minimum driver cross-conduction. Shoot-through protection circuitry and a
minimum deadtime circuitry have been integrated into this IC. Propagation delays are matched to simplify the
HVIC’s use in high frequency applications. The floating channels can be used to drive N-channel power
MOSFETs or IGBTs in the high-side configuration, which operate up to 600 V.
Feature Comparison: IRS2336xD Family
Part Number
Input Logic
UVLO
VIT,TH
tON, tOFF
VOUT
IRS2336(D)
HIN/N, LIN/N
8.9 V/ 8.2 V
0.46 V
530 ns, 530 ns
10 V – 20 V
IRS23364D
HIN, LIN
11.1 V/ 10.9 V
0.46 V
530 ns, 530 ns
11.5 V – 20 V


Similar Part No. - IRS2336D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS2336DJPBF IRF-IRS2336DJPBF Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336DJPBF INFINEON-IRS2336DJPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
International Rectifier
IRS2336DJTRPBF IRF-IRS2336DJTRPBF Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336DJTRPBF INFINEON-IRS2336DJTRPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
More results

Similar Description - IRS2336D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
International Rectifier
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com