Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS233JPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS233JPBF
Description  3-PHASE-BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS233JPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS233JPBF Datasheet HTML 1Page - International Rectifier IRS233JPBF Datasheet HTML 2Page - International Rectifier IRS233JPBF Datasheet HTML 3Page - International Rectifier IRS233JPBF Datasheet HTML 4Page - International Rectifier IRS233JPBF Datasheet HTML 5Page - International Rectifier IRS233JPBF Datasheet HTML 6Page - International Rectifier IRS233JPBF Datasheet HTML 7Page - International Rectifier IRS233JPBF Datasheet HTML 8Page - International Rectifier IRS233JPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
www.irf.com
1
3-PHASE-BRIDGE DRIVER
Product Summary
Description
Packages
The IRS233(0,2)(D)(S & J) is a high voltage, high speed
power MOSFET and IGBT driver with three independent high
and low side referenced output channels. Proprietary HVIC
technology enables ruggedized monolithic construction.
Logic inputs are compatible with CMOS or LSTTL outputs,
down to 3.3 V logic. A ground-referenced operational
amplifier provides analog feedback of bridge current via an
external current sense resistor. A current trip function which
terminates all six outputs is also derived from this resistor.
An open drain FAULT signal indicates if an over-current or
undervoltage shutdown has occurred. The output drivers
feature a high pulse current buffer stage designed for
minimum driver cross-conduction. Propagation delays are
matched to simplify use at high frequencies. The floating
channel can be used to drive N-channel power MOSFET
or IGBT in the high side configuration which operates up
to 600 volts.
Absolute Maximum Ratings
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage – dV/dt immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for all channels
Over-current shutdown turns off all six drivers
Independent half-bridge drivers
Matched propagation delay for all channels
3.3 V logic compatible
Outputs out of phase with inputs
Cross-conduction prevention logic
Integrated Operational Amplifier
Integrated Bootstrap Diode function (IRS233(0,2)D)
RoHS Compliant
May 8, 2008
IRS233(0,2)(D)(S & J)PbF
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
10 V – 20 V (233(0,2)(D))
ton/off (typ.)
500 ns
Deadtime (typ.)
2.0 us (IRS2330(D))
0.7 us (IRS2332(D))
28-Lead SOIC
44-Lead PLCC w/o 12 Leads
Typical Connection
Applications:
*Motor Control
*Air Conditioners/ Washing Machines
*General Purpose Inverters
*Micro/Mini Inverter Drives


Similar Part No. - IRS233JPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2330DJPBF IRF-IRS2330DJPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330DJTRPBF IRF-IRS2330DJTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330DSPBF IRF-IRS2330DSPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330DSTRPBF IRF-IRS2330DSTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330PBF IRF-IRS2330PBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
More results

Similar Description - IRS233JPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com