Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPU060N03LG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPU060N03LG
Description  OptiMOS?? Power-Transistor Features Fast switching MOSFET for SMPS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU060N03LG Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPU060N03LG Datasheet HTML 1Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 2Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 3Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 4Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 5Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 6Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 7Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 8Page - Infineon Technologies AG IPU060N03LG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IPD060N03L G
IPF060N03L G
IPS060N03L G
IPU060N03L G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
11.5 V
0
4
8
12
16
20
0
2040
6080
100
I D [A]
25 °C
175 °C
0
20
40
60
80
100
012
345
V GS [V]
0
20
40
60
80
100
0
2040
6080
100
I D [A]
2.8 V
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
20
40
60
80
100
120
01
23
V DS [V]
Rev. 2.0
page 5
2010-02-23


Similar Part No. - IPU060N03LG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPU060N03L ISC-IPU060N03L Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPU060N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP147N03LG INFINEON-IPP147N03LG Datasheet
446Kb / 10P
   OptiMOS?? Power-Transistor Features Fast switching MOSFET for SMPS
Rev. 2.0 2010-04-27
IPF039N03LG INFINEON-IPF039N03LG Datasheet
441Kb / 10P
   OptiMOS짰3 Power-Transistor Features Fast switching MOSFET for SMPS
Rev. 0.9 2006-10-23
IPP050N06NG INFINEON-IPP050N06NG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.16 2010-01-14
IPB085N06LG INFINEON-IPB085N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.05 2010-01-19
IPB080N06NG INFINEON-IPB080N06NG_10 Datasheet
421Kb / 10P
   OptiMOS??Power-Transistor Features Low gate charge for fast switching applications
Rev. 1.05 2010-01-19
IPP048N06LG INFINEON-IPP048N06LG_10 Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
IPB065N06LG INFINEON-IPB065N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.5 2010-01-18
IPB037N06N3G INFINEON-IPB037N06N3G Datasheet
484Kb / 11P
   OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Rev. 1.03 2009-12-17
IPP100N08N3G INFINEON-IPP100N08N3G Datasheet
501Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2010-01-21
IPB021N06N3G INFINEON-IPB021N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com