Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD350N06LG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD350N06LG
Description  OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD350N06LG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD350N06LG_08 Datasheet HTML 1Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 2Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 3Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 4Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 5Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 6Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 7Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 8Page - Infineon Technologies AG IPD350N06LG_08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPD350N06L G
OptiMOS® Power-Transistor
Features
• For fast switching converters and sync. rectification
• N-channel enhancement - logicl level
• 175 °C operating temperature
• Avalanche rated
• Pb-free lead plating, RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
29
A
T C=100 °C
20
Pulsed drain current
I D,pulse
T C=25 °C
1)
116
Avalanche energy, single pulse
E AS
I D=29 A, R GS=25 Ω
80
mJ
Reverse diode dv /dt
dv /dt
I D=29 A, V DS=48 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
68
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
1) See figure 3
V DS
60
V
R DS(on),max
35
m
I D
29
A
Product Summary
Type
IPD350N06L G
Package
P
G-TO252-3
Marking
350N06L
Rev. 1.
3
page 1
2008-0
9-01


Similar Part No. - IPD350N06LG_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
More results

Similar Description - IPD350N06LG_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD640N06LG INFINEON-IPD640N06LG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.4 2008-09-01
IPD800N06NG INFINEON-IPD800N06NG_08 Datasheet
524Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev.1.3 2008-09-01
IPD127N06LG INFINEON-IPD127N06LG_08 Datasheet
538Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.2 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG_08 Datasheet
520Kb / 9P
   OptiMOS짰 Power-Transistor Features For dc/dc converters and sync. rectification
Rev. 1.2 2008-09-01
IPP050N06NG INFINEON-IPP050N06NG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.16 2010-01-14
IPB085N06LG INFINEON-IPB085N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.05 2010-01-19
IPB065N06LG INFINEON-IPB065N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.5 2010-01-18
IPP048N06LG INFINEON-IPP048N06LG_10 Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
IPB037N06N3G INFINEON-IPB037N06N3G Datasheet
484Kb / 11P
   OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Rev. 1.03 2009-12-17
IPB021N06N3G INFINEON-IPB021N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com